Electronic Components Datasheet Search
  English  ▼

X  

C650 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # C650
Description  Transient Blocking Units - TBU??Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

C650 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  C650 Datasheet HTML 1Page - Bourns Electronic Solutions C650 Datasheet HTML 2Page - Bourns Electronic Solutions C650 Datasheet HTML 3Page - Bourns Electronic Solutions C650 Datasheet HTML 4Page - Bourns Electronic Solutions C650 Datasheet HTML 5Page - Bourns Electronic Solutions C650 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TBU™ C650 and C850 Protectors
Typical Part Marking
How to Order
C 650 - 180 - WH
Form Factor
C = One TBU™ protector in the device
Impulse Voltage Rating
650 = 650 V
850 = 850 V
Iop Indicator
100 = 100 mA
180 = 180 mA
260 = 260 mA
PIN 1
MARKING NUMBER
C65A = C650-100-WH
C65B = C650-180-WH
C65C = C650-260-WH
C85A = C850-100-WH
C85B = C850-180-WH
C85C = C850-260-WH
MANUFACTURING
DATE CODE*
- 1ST DIGIT INDICATES THE YEAR’S 6-MONTH PERIOD.
- 2ND DIGIT INDICATES THE WEEK NUMBER IN THE 6-MONTH PERIOD.
- 3RD & 4TH DIGITS INDICATE SPECIFIC LOT FOR THE WEEK.
6-MONTH PERIOD CODES:
A = JAN-JUN 2009
C = JAN-JUN 2010
E = JAN-JUN 2011
B = JUL-DEC 2009
D = JUL-DEC 2010
F = JUL-DEC 2011
EXAMPLE: ARBC
- 1ST DIGIT ‘A’ = JAN-JUN 2009
- 2ND DIGIT ‘R’ = WEEK 18; WEEK OF APRIL 27
- 3RD & 4TH DIGITS ‘BC’ = LOT SPECIFIC INFORMATION
MANUFACTURER’S
TRADEMARK*
*TRANSITION FROM FULTEC TRADEMARK AND LOT CODE
TO BOURNS TRADEMARK AND DATE CODE IN 2009.
Packaging Specifications (per EIA468-B)
B
A
D
C
N
F
G (MEASURED AT HUB)
USER DIRECTION OF FEED
K0
B0
P2
D1
CENTER
LINES OF
CAVITY
EMBOSSMENT
t
D
P0
TOP
COVER
TAPE
E
W
P
A0
DIMENSIONS:
MM
(INCHES)
Device
A
B
C
D
G
N
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Ref.
Ref.
C650, C850
326
(12.835)
330.25
(13.002)
1.5
(.059)
2.5
(.098)
12.8
(.504)
13.5
(.531)
20.2
(.795)
-
16.5
(.650)
102
(4.016)
Device
A0
B0
D
D1
E
F
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
max.
C650, C850
4.2
(.165)
4.4
(.173)
8.45
(.333)
8.65
(.341)
1.5
(.059)
1.6
(.063)
1.5
(.059)
-
1.65
(.065)
1.85
(.073)
7.4
(.291)
7.6
(.299)
Device
K0
P
P0
P2
t
W
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
C650, C850
1.1
(.043)
1.3
(.051)
7.9
(.311)
8.1
(.319)
3.9
(.159)
4.1
(.161)
1.9
(.075)
2.1
(.083)
0.25
(.010)
0.35
(.014)
15.7
(.618)
16.3
(.642)
QUANTITY: 3000 PIECES PER REEL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com