Electronic Components Datasheet Search
  English  ▼

X  

C650 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # C650
Description  Transient Blocking Units - TBU??Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

C650 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  C650 Datasheet HTML 1Page - Bourns Electronic Solutions C650 Datasheet HTML 2Page - Bourns Electronic Solutions C650 Datasheet HTML 3Page - Bourns Electronic Solutions C650 Datasheet HTML 4Page - Bourns Electronic Solutions C650 Datasheet HTML 5Page - Bourns Electronic Solutions C650 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TEST CONFIGURATION DIAGRAM
V1
V2
Load
TBU™ C650 and C850 Protectors
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Operational Characteristics
C650 Lightning, 650 V
C850 Lightning, 850 V
The graphs below demonstrate the operational characteristics of the TBU™ protector. For each graph the fault voltage, protected side
voltage, and current is presented.
C650 Power Fault, 300 Vrms, 100 A
C850 Power Fault, 425 Vrms, 100 A
1
µs/div.
Ch1 V1
Ch2 V2
Ch3 Current
1
3
2
1
µs/div.
Ch1 V1
Ch2 V2
Ch3 Current
1
3
2
4 ms/div.
Ch1 V1
Ch2 V2
Ch3 Current
1
2
3
4 ms/div.
Ch1 V1
Ch2 V2
Ch3 Current
1
2
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com