Electronic Components Datasheet Search
  English  ▼

X  

C650 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # C650
Description  Transient Blocking Units - TBU??Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

C650 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  C650 Datasheet HTML 1Page - Bourns Electronic Solutions C650 Datasheet HTML 2Page - Bourns Electronic Solutions C650 Datasheet HTML 3Page - Bourns Electronic Solutions C650 Datasheet HTML 4Page - Bourns Electronic Solutions C650 Datasheet HTML 5Page - Bourns Electronic Solutions C650 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
■ Formerly
brand
■ Extremely high speed performance
■ Blocks high voltages and currents
■ Very high bandwidth; GHz compatible
■ Small package, minimal PCB area
■ Simple, superior circuit protection
■ RoHS compliant*, UL Recognized
Applications
■ Combo voice / xDSL linecards
■ Voice linecards
■ MDF, primary protection modules
■ Process control equipment
■ Test and measurement equipment
■ General electronics
TBU™ C650 and C850 Protectors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Transient Blocking Units - TBU™ Devices
Bourns® C650 and C850 series products are high speed
bidirectional protection components, constructed using
MOSFET semiconductor technology, designed to protect
against faults caused by short circuits, AC power cross,
induction and lightning surges.
The TBU™ high speed protector, triggering as a function of
the MOSFET, blocks surges and provides an effective barrier
behind which sensitive electronics are not exposed to large
voltages or currents during surge events. The TBU™ device is
provided in a surface mount DFN package and meets industry
standard requirements such as RoHS and Pb Free solder
reflow profiles.
Electrical Characteristics (Tamb = 25 °C)
C650 and C850 TBU™ protectors are bidirectional; specifications are valid in both directions.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Iop
Maximum current through the device that will not cause
current blocking
Cx50-100-WH
Cx50-180-WH
Cx50-260-WH
100
180
260
mA
Itrigger
Typical current for the device to go from normal operating
state to protected state
Cx50-100-WH
Cx50-180-WH
Cx50-260-WH
150
220
330
mA
Iout
Maximum current through the device
Cx50-100-WH
Cx50-180-WH
Cx50-260-WH
200
360
520
mA
RTBU
Series resistance of the TBU™ device
C650-100-WH
C650-180-WH
C650-260-WH
C850-100-WH
C850-180-WH
C850-260-WH
12
8
8
17
11
11
14.5
10
10
19
14
14
Ω
tblock
Maximum time for the device to go from normal operating
state to protected state
1µs
Iquiescent
Current through the triggered TBU™ device with 50 Vdc circuit
voltage
1mA
Vreset
Voltage below which the triggered TBU™ device will transition to
normal operating state
14
V
Absolute Maximum Ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Vimp
Maximum protection voltage for impulse faults with rise time
≥ 1 µsec
C650-xxx-WH
C850-xxx-WH
650
850
V
Vrms
Maximum protection voltage for continuous Vrms faults
C650-xxx-WH
C850-xxx-WH
300
425
V
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-65 to +150
°C
Agency Approval
UL recognized component File # E315805.
Industry Standards
Description
Model
Telcordia
GR-1089
Port Type 1, 3, 5
C650
C850
GR-974
C650
C850
ITU-T
K.20, K.20E, K.21, K.21E, K.45
C850


Similar Part No. - C650

ManufacturerPart #DatasheetDescription
logo
Powerbox
C650 POWERBOX-C650 Datasheet
501Kb / 1P
500 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Bourns Electronic Solut...
C650-100-WH BOURNS-C650-100-WH Datasheet
694Kb / 6P
C650 and C850 Series TBU짰 High-Speed Protectors
C650-100-WH BOURNS-C650-100-WH Datasheet
667Kb / 6P
TBU High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH Datasheet
123Kb / 1P
MATERIAL DECLARATION SHEET
C650-180-WH BOURNS-C650-180-WH Datasheet
667Kb / 6P
TBU High-Speed Protectors
More results

Similar Description - C650

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
TBU High Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
TBU High Speed Protectors
TBU-CX085-VTC-WH BOURNS-TBU-CX085-VTC-WH Datasheet
613Kb / 5P
TBU-CX Series - TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
TBU-DT Series - TBU High-Speed Protectors
TBU-KE040-500-WH BOURNS-TBU-KE040-500-WH Datasheet
539Kb / 6P
TBU-KE Series - TBU High-Speed Protectors
TBU-PK085-100-WH BOURNS-TBU-PK085-100-WH Datasheet
812Kb / 7P
TBU-PK Series - TBU High-Speed Protectors
TBU-PL085-100-WH BOURNS-TBU-PL085-100-WH Datasheet
812Kb / 7P
TBU-PL Series - TBU High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
TBU High-Speed Protectors
logo
Diotec Semiconductor
TGL200C2K DIOTEC-TGL200C2K Datasheet
161Kb / 2P
Blocking Diode and Transient Voltage Suppressor
logo
Bourns Electronic Solut...
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
TBU High-Speed Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com