Electronic Components Datasheet Search
  English  ▼

X  

PDB18 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDB18
Description  17 mm Rotary Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB18 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDB18 Datasheet HTML 1Page - Bourns Electronic Solutions PDB18 Datasheet HTML 2Page - Bourns Electronic Solutions PDB18 Datasheet HTML 3Page - Bourns Electronic Solutions PDB18 Datasheet HTML 4Page - Bourns Electronic Solutions PDB18 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PDB18 Series - 17 mm Rotary Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
PDB181-B
L
6.5
(.255)
6.0
(.236)
1.0
(.039)
17.0
(.669)
3.5
(.137)
1.0
(.039)
15.0
(.590)
8.4
(.330)
1.2
(.047)
3.5
(.137)
10.0
(.393)
2.5
(.098)
22.0
± 0.5
(.866
± .019)
2.0
(.078)
9.5
(.374)
2.0
(.078)
A
DIA.
18 TEETH
KNURL
M7 x P0.75
30
°
SHAFT SHOWN IN CCW POSITION
PDB181-E
L
6.5
(.255)
1.0
(.039)
6.0
(.236)
2.0
(.078)
9.5
(.374)
2.0
(.078)
A
DIA.
16.5
(.649)
8.4
(.330)
1.2
(.047)
2.8
(.110)
5.0
(.196)
13.0
(.511)
3.5
(.137)
DIA.
17.0
(.669)
DIA.
18 TEETH
KNURL
M7 x P0.75
30
°
SHAFT SHOWN IN CCW POSITION
PDB181-D
L
6.5
(.255)
0.5
(.019)
3.5
(.137)
7.8
(.307)
1.2
(.047)
2.8
(.110)
1.0
(.039)
5.0
(.196)
5.0
(.196)
11.5
(.452)
17.0
(.669)
1.0
(.039)
16.5
(.649)
2.0
(.078)
2.0
(.078)
9.5
(.374)
DIA.
6.0
(.236)
DIA.
A
18 TEETH
KNURL
M7 x P0.75
DIA.
30
°
SHAFT SHOWN IN CCW POSITION
Additional Features
■ Linear, audio and reverse audio taper
options
■ RoHS compliant*
Applications
■ Audio/TV sets
■ Car radio
■ Amplifiers/mixers/drum machines/
synthesizers
■ PCs/monitors
■ Appliances



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com