Electronic Components Datasheet Search
  English  ▼

X  

PDB18 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PDB18
Description  17 mm Rotary Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB18 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PDB18 Datasheet HTML 1Page - Bourns Electronic Solutions PDB18 Datasheet HTML 2Page - Bourns Electronic Solutions PDB18 Datasheet HTML 3Page - Bourns Electronic Solutions PDB18 Datasheet HTML 4Page - Bourns Electronic Solutions PDB18 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PDB18 Series - 17 mm Rotary Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
PDB182-D
Dual Gang
L
6.5
(.255)
2.0
(.078)
2.0
(.078)
0.5
(.019)
3.5
(.137)
17.0
(.669)
4.5
(.177)
8.4
(.330)
1.2
(.047)
2.8
(.110)
1.0
(.039)
5.0
(.196)
5.0
(.196)
9.7
(.381)
16.5
(.649)
11.5
(.453)
11.5
(.452)
6.0
(.236)
1.0
(.039)
A
DIA.
18 TEETH
KNURL
M7 x P0.75
DIA.
30 °
6 PLCS.
SHAFT SHOWN IN CCW POSITION
How To Order
PDB18 1 - K 4 25 K - 103 A1
Model
Number of Sections
• 1 = Single Section
• 2 = Dual Section
Terminal Configuration
(Pin Layout)
(see individual drawings)
• K = PC Pins vertical/
Down Facing
(12.5 mm)
• A = PC Pins vertical/
Down Facing
(18.0 mm)
• B = PC Pins vertical
Down Facing
(23.0 mm)
• E = Solder Lugs
Rear Facing
• P = PC Pins
Rear Facing
• D = PC Pins
Front Facing
Detent Option
• 2 = Center Detent
• 4 = No Detents
• 5 = 11 Detents
• 6 = 21 Detents
• 7 = 31 Detents
• 8 = 41 Detents
Standard Shaft Length
• 15 = 15 mm
• 18 = 18 mm
• 20 = 20 mm
• 25 = 25 mm
• 30 = 30 mm
Shaft Style
• F =
Metal Flatted Shaft
• K = Metal Knurled Type Shaft
18 Toothed Serration Type
• P = Metal Plain Shaft
Resistance Code (See Table)
Resistance Taper (See Taper Charts)
Taper Series followed by Curve Number
Other styles available.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Shaft Styles
K Type
L
15
(.591)
18
(.709)
20
(.787)
25
(.984)
30
(1.181)
A
6.5
(.256)
6.5
(.256)
11.5
(.453)
14
(.551)
19
(.748)
L
20
(.787)
25
(.984)
30
(1.181)
30 °
6.5
(.256)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
SLOT SHOWN IN
CCW POSITION
1.0
(.039)
2.0
(.078)
L ± 0.5
(L ± .020)
A
18 TEETH
KNURL
P Type
6.0
(.236)
DIA.
F Type
L
15
(.591)
20
(.787)
25
(.984)
30
(1.181)
35
(1.378)
F
7
(.276)
12
(.472)
12
(.472)
12
(.472)
12
(.472)
4.5
(.177)
DIA.
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
6.5
(.256)
L ± 0.5
(L ± .020)
F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com