Electronic Components Datasheet Search
  English  ▼

X  

PDB18 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PDB18
Description  17 mm Rotary Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB18 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PDB18 Datasheet HTML 1Page - Bourns Electronic Solutions PDB18 Datasheet HTML 2Page - Bourns Electronic Solutions PDB18 Datasheet HTML 3Page - Bourns Electronic Solutions PDB18 Datasheet HTML 4Page - Bourns Electronic Solutions PDB18 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PDB18 Series - 17 mm Rotary Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
PDB181-P
L
6.5
(.255)
2.0
(.078)
2.0
(.078)
6.0
(.236)
1.0
(.039)
16.5
(.649)
13.2
(.519)
7.8
(.307)
1.2
(.047)
2.8
(.110)
4.0
(.157)
5.0
(.196)
5.0
(.196)
16.5
(.649)
3.5
(.137)
3.5
(.137)
9.5
(.370)
DIA.
17.0
(.669)
DIA.
A
DIA.
18 TEETH
KNURL
M7 x P0.75
30
°
SHAFT SHOWN IN CCW POSITION
PDB182-K
Dual Gang
L
6.5
(.255)
3.8
(.149)
5.0
(.196)
8.4
(.330)
1.2
(.047)
2.8
(.110)
1.0
(.039)
12.5
(.492)
4.0
(.157)
5.0
(.196)
5.0
(.196)
17.0
(.669)
1.0
(.039)
6.0
(.236)
11.5
(.452)
2.0
(.078)
2.0
(.078)
A
DIA.
18 TEETH
KNURL
M7 x P0.75
DIA.
30
°
12
3
6 PLCS.
SHAFT SHOWN IN CCW POSITION
2
13
SCHEMATIC
PDB182-E
Dual Gang
L
6.5
(.255)
13.5
(.531)
8.0
(.314)
8.4
(.330)
1.2
(.047)
2.8
(.110)
5.0
(.196)
5.0
(.196)
17.0
(.669)
14.0
(.551)
1.0
(.039)
6.0
(.236)
2.0
(.078)
11.5
(.452)
2.0
(.078)
A
DIA.
18 TEETH
KNURL
M7 x P0.75
DIA.
30
°
SHAFT SHOWN IN CCW POSITION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com