Electronic Components Datasheet Search
  English  ▼

X  

LB11820 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB11820
Description  Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11820 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB11820 Datasheet HTML 1Page - Sanyo Semicon Device LB11820 Datasheet HTML 2Page - Sanyo Semicon Device LB11820 Datasheet HTML 3Page - Sanyo Semicon Device LB11820 Datasheet HTML 4Page - Sanyo Semicon Device LB11820 Datasheet HTML 5Page - Sanyo Semicon Device LB11820 Datasheet HTML 6Page - Sanyo Semicon Device LB11820 Datasheet HTML 7Page - Sanyo Semicon Device LB11820 Datasheet HTML 8Page - Sanyo Semicon Device LB11820 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Monolithic Linear IC
61202RM (OT) No. 7104-1/17
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Direct PWM Drive Brushless Pre-Driver for
Household Appliance Motors
LB11820M
Ordering number : ENN7104A
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC 1 max
VCC 1
14.5
V
Maximum supply voltage 2
VCC 2 max
VCC 2
14.5
V
Maximum supply voltage 3
VCC 3 max
VCC 320
V
Specifications
Absolute Maximum Ratings at Ta = 25°C
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Overview
The LB11820M is a direct PWM drive pre-driver IC that
is appropriate for 3-phase power brushless motors. This IC
can implement motor driver circuits that provide the
desired output capabilities (voltage and current) by the use
of appropriate discrete transistors in the output circuit. The
LB11820M is optimal for driving the large motors used in
air conditioners and on-demand hot water heaters.
Functions and Features
• Three-phase bipolar drive
• Direct PWM drive
• Built-in braking function (Short braking)
• Forward/reverse switching function
• Reverse motion mode protection circuit
• Full complement of protection circuits, include current
limiter, low-voltage protection, and motor constraint
(rotor locking) protection circuits
• Supports control from either a command voltage or a
PWM duty input.
Package Dimensions
unit: mm
3073C-MFP30SD (375mil)
SANYO: MFP30SD(375mil)
[LB11820M]
Continued on next page.


Similar Part No. - LB11820

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
Three-Phase Brushless Motor Driver for OA Products
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
Direct PWM Drive Brushless Motor Predriver for OA Products
LB11824 SANYO-LB11824 Datasheet
178Kb / 17P
Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB11824M SANYO-LB11824M Datasheet
178Kb / 17P
Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB11825M SANYO-LB11825M Datasheet
250Kb / 8P
LB11825M
More results

Similar Description - LB11820

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11824M SANYO-LB11824M Datasheet
178Kb / 17P
Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB1670M SANYO-LB1670M Datasheet
129Kb / 5P
Driver for Brushless, Sensorless Motors
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
For Brushless Motor Drive PWM Driver IC
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
logo
ON Semiconductor
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
For Brushless Motor Drive PWM Driver IC
May, 2013
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Toshiba Semiconductor
TB67B001FTG TOSHIBA-TB67B001FTG Datasheet
997Kb / 37P
Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
TC78B027FTG TOSHIBA-TC78B027FTG Datasheet
1Mb / 45P
1-Hall sine-wave PWM pre-driver for 3-phase brushless DC motors
2019-09-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com