Electronic Components Datasheet Search
  English  ▼

X  

LB11820 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB11820
Description  Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11820 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LB11820 Datasheet HTML 3Page - Sanyo Semicon Device LB11820 Datasheet HTML 4Page - Sanyo Semicon Device LB11820 Datasheet HTML 5Page - Sanyo Semicon Device LB11820 Datasheet HTML 6Page - Sanyo Semicon Device LB11820 Datasheet HTML 7Page - Sanyo Semicon Device LB11820 Datasheet HTML 8Page - Sanyo Semicon Device LB11820 Datasheet HTML 9Page - Sanyo Semicon Device LB11820 Datasheet HTML 10Page - Sanyo Semicon Device LB11820 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
No. 7104-7/17
LB11820M
Pin No.
9
10
11
12
13
14
15
16
17
18
19
20
Pin
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
VREG
VCC2
LVS
VCC3
12REG
TOC
Equivalent circuit
Function
Hall amplifier input.
IN+ > IN– is the input high state, and the reverse is
the input low state.
Connect a capacitor between the sIN+ and IN–
inputs if there is noise in the Hall sensor signals.
Regulated-voltage output pin (5V output)
Connect a capacitor (about 0.1 µF) between this pin
and ground for stabilization.
Voltage detection pin for low-voltage protection.
To detect the supply voltage of 5 V or more, connect
the zenor diode in series to set the detection voltage.
Power pin (VCC3) for use during application with the
supply voltage of 12 V or more. 12 V is generated at
the 12 REG pin. To use the 12REG pin, connect this
pin to VCC1.
When not used, keep both VCC3 and 12 REG open
or connect them to GND.
PWM waveform comparator pin.
Normally used in the open condition.
By inputting the voltage directly into this pin, the
output duty can be controlled without using the
VCTL amp.
Power pin (PWM oscillation, PWM comparator,
VCTL amp). Normally connect to VREG.
Continued on next page.
Continued from preceding page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com