Electronic Components Datasheet Search
  English  ▼

X  

LB11820 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB11820
Description  Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11820 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB11820 Datasheet HTML 1Page - Sanyo Semicon Device LB11820 Datasheet HTML 2Page - Sanyo Semicon Device LB11820 Datasheet HTML 3Page - Sanyo Semicon Device LB11820 Datasheet HTML 4Page - Sanyo Semicon Device LB11820 Datasheet HTML 5Page - Sanyo Semicon Device LB11820 Datasheet HTML 6Page - Sanyo Semicon Device LB11820 Datasheet HTML 7Page - Sanyo Semicon Device LB11820 Datasheet HTML 8Page - Sanyo Semicon Device LB11820 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
No. 7104-4/17
LB11820M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[F/R Pin]
High-level input voltage
VIH(FR)
2.0
VREG
V
Low-level input voltage
VIL(FR)
0
1.0
V
Input open voltage
VIO(FR)
VREG – 0.5
VREG
V
Hysteresis
VIS(FR)
0.2
0.3
0.4
V
High-level input current
IIH(FR)
VF/R = VREG
–10
0
10
µA
Low-level input current
IIL(FR)
VF/R = 0 V
–130
–96
µA
[BR Pin]
High-level input voltage
VIH(BR)
2.0
VREG
V
Low-level input voltage
VIL(BR)
0
1.0
V
Input open voltage
VIO(BR)
VREG – 0.5
VREG
V
Hysteresis
VIS(BR)
0.2
0.3
0.4
V
High-level input current
IIH(BR)
VBR = VREG
–10
0
10
µA
Low-level input current
IIL(BR)
VBR = 0 V
–130
–96
µA
[REVSEL Pin]
High-level input voltage
VIH(RSEL)
2.0
VREG
V
Low-level input voltage
VIL(RSEL)
0
1.0
V
Input open voltage
VIO(RSEL)
VREG – 0.5
VREG
V
High-level input current
IIH(RSEL) VREVSEL = VREG
–10
0
10
µA
Low-level input current
IIL(RSEL)
VREVSEL = 0 V
–130
–96
µA
Continued from preceding page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com