Electronic Components Datasheet Search
  English  ▼

X  

MN101C97 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MN101C97
Description  8-bit Single-chip Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C97 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN101C97 Datasheet HTML 1Page - Panasonic Semiconductor MN101C97 Datasheet HTML 2Page - Panasonic Semiconductor MN101C97 Datasheet HTML 3Page - Panasonic Semiconductor MN101C97 Datasheet HTML 4Page - Panasonic Semiconductor MN101C97 Datasheet HTML 5Page - Panasonic Semiconductor MN101C97 Datasheet HTML 6Page - Panasonic Semiconductor MN101C97 Datasheet HTML 7Page - Panasonic Semiconductor MN101C97 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ver. JEM
MN101C97 Series
4
Features (Continued)
Timer 3 - 8-bit timer
Square wave output, Event count, Cascade connection to timer 2
Clock source: fosc, fosc/4, fosc/16, fosc/64, fosc/128, fs/2, fs/8, fx, external clock
Timer 6 - 8-bit timer
One minute meter is available when combined with the timer base timer.
Clock source: fosc, fs, fx, time base output (1/27 or 1/213)
Timer 7 - 16-bit timer (Double buffer composition)
Square wave output and PWM output (Duty/Cycle continuous changeable) can be output to the large current pin, P53 (TM7O).
Event count, Pulse width measurement, Input capture, Remote control carrier output
Clock source: 1/1, 1/2, 1/4 or 1/16 of fosc, fs or external clock.
Timer base timer
Clock source: fosc, fx
Interrupt generation cycle: fosc, fosc/27, fosc/28, fosc/29, fosc/210, fosc/212, fosc/ 213, fosc/214, fosc/215, fx, fx/27,
fx/28, fx/29, fx/210, fx/212, fx/213, fx/214, fx/215
Watchdog timer
Error detection cycle: selectable from fs/216, fs/218, and fs/220.
Buzzer output, Inverted Buzzer output:
Output frequency can be selected from fosc/29, fosc/210, fosc/211, fosc/212, fosc/213, fosc/214, fx/23, fx/24
Remote control carrier output:
Based on timer 0 and timer 7 output, a remote control carrier with duty cycle of 1/2 or 1/3 can be output.
Clock output:
Fosc output or fs output is available.
Serial Interface: 2 channels
Serial interface 0 : 3 channel type synchronous / Full duplex UART
Transfer clock: fosc/2, fosc/4, fosc/16, fosc/64, fs/2, fs/4, timer 1 (or timer 2) output, timer 2 output/2, timer 2 output/8
At UART, timer 1 (or timer 2) is used as a baud rate timer
MSB/LSB can be selected as the first bit to be transferred.
Any transfer size from 1 to 8 bits can be selected.
Parity check, parity addition, overrun and framing error detection.
Usable as 2 channel type serial interface.
Serial 0 I/O (SBO0, SBI0, SBT0) can be switched to either P10 to P12 or P43 to P45.
Serial interface 3 : 3 channel type synchronous / Single Master IIC Interface
IIC communication for single master (9-bit transfer)
Transfer clock: fosc/2, fosc/4, fosc/16, fosc/64, fs/2, fs/4, timer 1 (or timer 2) output
MSB/LSB can be selected as the first bit to be transferred.
Any transfer size from 1 to 8 bits can be selected.
External Interrupt: 7 interrupts
Edge selectable (rising edge, falling edge)
×
2 sets
Noise filter connectable (IRQ0, IRQ1)
Edge selectable (rising edge, falling edge, both edges) (IRQ 2,3,4,5)
×
4 sets
Key scan interrupt only (IRQ6)
×
1 set
LED driver: 6 pins (44-pin QFP package are 4 pins)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com