Electronic Components Datasheet Search
  English  ▼

X  

MN101C97 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN101C97
Description  8-bit Single-chip Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C97 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN101C97 Datasheet HTML 1Page - Panasonic Semiconductor MN101C97 Datasheet HTML 2Page - Panasonic Semiconductor MN101C97 Datasheet HTML 3Page - Panasonic Semiconductor MN101C97 Datasheet HTML 4Page - Panasonic Semiconductor MN101C97 Datasheet HTML 5Page - Panasonic Semiconductor MN101C97 Datasheet HTML 6Page - Panasonic Semiconductor MN101C97 Datasheet HTML 7Page - Panasonic Semiconductor MN101C97 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver. JEM
MN101C97 Series
2
Features
ROM Size:
MN101C97D, MN101CF97D
65536 × 8 bit
MN101C97A
32768 × 8 bit
RAM Size: 1024 × 8 bit
Package:
TQFP48 (7mm square, 0.5mm pitch)
QFP44 (10mm square, 0.8mm pitch) *Under planning
Machine Cycle:
<Mask ROM version MN101C97A / MN101C97D>
High speed mode <fs = fosc / 1>
0.125 ms / 8 MHz (2.7 V to 3.6 V)
0.250 ms / 4 MHz (1.8 V to 3.6 V)
High speed mode <fs = fosc / 2>
0.250 ms / 8 MHz (2.2 V to 3.6 V)
0.500 ms / 4 MHz (1.8 V to 3.6 V)
Low speed mode <fs = fx / 2>
62.5 ms / 32 kHz
(1.8 V to 3.6 V)
<Flash EEPROM version MN101CF97D>
High speed mode <fs = fosc / 1>
0.250 ms / 4 MHz (2.2 V to 3.6 V)
0.270 ms / 3.7 MHz (2.0 V to 3.6 V)
0.500 ms / 2 MHz (1.8 V to 3.6 V)
High speed mode <fs = fosc / 2>
0.250 ms / 8 MHz (2.2 V to 3.6 V)
0.500 ms / 4 MHz (1.8 V to 3.6 V)
Low speed mode <fs = fx / 2>
62.5 ms / 32 kHz
(1.8 V to 3.6 V)
Clock Gear Circuit Embedded:
The operation speed of system clock can be changed by switching the dividing ratio of the oscillation clock.
(1, 2, 4, 8, 16, 32, 64, 128 dividing)
Oscillation Circuit:
2 channels oscillation circuits (High-speed / Low-speed)
Operation Modes:
NORMAL mode (High-speed mode)
SLOW mode (Low-speed mode)
HALT mode (High-speed / Low-speed mode)
STOP mode
The operation clock can be switched in each mode.
ROM Correction:
Maximum of 3 parts in a program
Operation Voltage: 1.8 V to 3.6 V
Operation Temperature: -40°C to + 85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com