Electronic Components Datasheet Search
  English  ▼

X  

MN101C97 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN101C97
Description  8-bit Single-chip Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C97 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN101C97 Datasheet HTML 1Page - Panasonic Semiconductor MN101C97 Datasheet HTML 2Page - Panasonic Semiconductor MN101C97 Datasheet HTML 3Page - Panasonic Semiconductor MN101C97 Datasheet HTML 4Page - Panasonic Semiconductor MN101C97 Datasheet HTML 5Page - Panasonic Semiconductor MN101C97 Datasheet HTML 6Page - Panasonic Semiconductor MN101C97 Datasheet HTML 7Page - Panasonic Semiconductor MN101C97 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver. JEM
Publication date: January 2011
1
MN101C97 Sriese
8-bit Single-chip Microcontroller
Overview
The MN101C series of 8-bit single-chip microcomputers incorporate multiple types of peripheral functions.
This chip series is well suited for camera, VCR, MD, TV, CD, LD, printer, telephone, home automation, pager, air conditioner, PPC, remote
control, fax machine, music instrument and other applications.
This LSI brings to embedded microcomputer applications flexible, optimized hardware configurations and a simple efficient instruction
set. The MN101C97D has an internal 64 KB of ROM and 1 KB of RAM. Peripheral functions include 7 external interrupts, 13 internal
interrupts including NMI, 8 timer counters, 2 sets of serial interfaces, A/D converter, watchdog timer, buzzer output, and remote control
output. The configuration of this microcomputer is well suited for application as a system controller in a camera, timer selector for VCR, CD
player, or MD.
With two oscillation system (max. 8 MHz/32 kHz) contained on the chip, the system clock can be switched to high frequency input (high
speed mode), or to low frequency input (low speed mode).
The system clock is generated by dividing the oscillation clock. The best operation clock for the system can be selected by switching its
frequency by software. High speed mode has the normal mode which is based on 2-cycle clock (fosc/2) and the double speed mode which is
based on the same cycle clock with fosc.
A machine cycle (min. instructions execution) in the normal mode is 250 ns when fosc is 8 MHz, and when fosc is 4 MHz, a machine
cycle is 500 ns. A machine cycle in the double speed mode is 125 ns when fosc is 8 MHz, and 250 ns when fosc is 4 MHz. The package are
48-pin TQFP and 44-pin QFP.
Product Summary
This datasheet describes the following model of MN101C97 series. These products have identical function.
However, MN101C97D is described mainly.
Model
ROM Size
RAM Size
Classification
Package
MN101C97A
32 KB
1 KB
Mask ROM version
QFP044-P-1010F
TQFP048-P-0707B
MN101C97D
64 KB
1 KB
Mask ROM version
QFP044-P-1010F
TQFP048-P-0707B
MN101CF97D
64 KB
1 KB
Flash EEPROM version
QFP044-P-1010F
TQFP048-P-0707B


Similar Part No. - MN101C97

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101C97A PANASONIC-MN101C97A Datasheet
302Kb / 4P
MN101C97A
MN101C97D PANASONIC-MN101C97D Datasheet
302Kb / 4P
MN101C97A
More results

Similar Description - MN101C97

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com