Electronic Components Datasheet Search
  English  ▼

X  

LB1694N Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1694N
Description  3-Phase Brushless Motor Driver????
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1694N Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1694N Datasheet HTML 1Page - Sanyo Semicon Device LB1694N Datasheet HTML 2Page - Sanyo Semicon Device LB1694N Datasheet HTML 3Page - Sanyo Semicon Device LB1694N Datasheet HTML 4Page - Sanyo Semicon Device LB1694N Datasheet HTML 5Page - Sanyo Semicon Device LB1694N Datasheet HTML 6Page - Sanyo Semicon Device LB1694N Datasheet HTML 7Page - Sanyo Semicon Device LB1694N Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-phase Brushless Motor Driver
Overview
The LB1694N is a 3-phase brushless motor driver IC that is
ideal for driving DC fan motors in air conditioners, hot-water
supply systems, and the like.
Features
.
3-phase brushless motor driver.
.
Withstand voltage: 45 V; output current: 2.5 A.
.
Current limiter built in.
.
Low-voltage protector circuit built in.
.
Thermal shutdown protector built in.
.
Hall amplifier with hysteresis built in.
.
FG output function.
Package Dimensions
unit : mm
3037A-DIP20H
[LB1694N]
SANYO : DIP20H
Specifications
Absolute Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
10
V
VM max
45
V
Output current
IO
2.5
A
Allowable power dissipation
Pd max1
Independent IC
2.2
W
Pd max2
With arbitrarily large heat sink
15.2
W
Operating temperature
Topr
–20 to +100
°C
Storage temperature
Tstg
–55 to +120
°C
Allowable Operating Ranges at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VCC
4.5 to 5.5
V
VM
5to42
V
Power supply voltage rise rate
∆VCC/ ∆tVCC =VLVSD(OFF) point *1
to 0.04
V/µs
∆VM/ ∆tVM = 0 V point*1
to 0.16
V/µs
*1 If the supply voltage rise rate is fast when power is applied, through current may flow to output.
Ordering number: EN5243
Monolithic Digital IC
LB1694N
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
D3095HA (II) No.5243-1/8


Similar Part No. - LB1694N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1690 SANYO-LB1690 Datasheet
95Kb / 5P
3-Phase Motor Driver????
LB1692 SANYO-LB1692 Datasheet
106Kb / 5P
Three-Phase Brushless Motor Driver????
LB1693 SANYO-LB1693 Datasheet
174Kb / 9P
3-Phase Brushless Motor Driver????
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
Three-Phase Brushless Motor Driver
LB1695D SANYO-LB1695D Datasheet
91Kb / 9P
LB1695D
More results

Similar Description - LB1694N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
3-Phase Brushless Motor Driver
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
3-Phase Brushless Motor Driver???
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
3-Phase Brushless Motor Driver???
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
3-Phase Brushless Motor Driver????
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
3-Phase Brushless Motor Driver????
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
3-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
3-phase Brushless Motor Driver
November 2014 - Rev. 1
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
3-phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com