Electronic Components Datasheet Search
  English  ▼

X  

LB1694N Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1694N
Description  3-Phase Brushless Motor Driver????
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1694N Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1694N Datasheet HTML 1Page - Sanyo Semicon Device LB1694N Datasheet HTML 2Page - Sanyo Semicon Device LB1694N Datasheet HTML 3Page - Sanyo Semicon Device LB1694N Datasheet HTML 4Page - Sanyo Semicon Device LB1694N Datasheet HTML 5Page - Sanyo Semicon Device LB1694N Datasheet HTML 6Page - Sanyo Semicon Device LB1694N Datasheet HTML 7Page - Sanyo Semicon Device LB1694N Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Truth Table
Input
F/R control
Output
FG output
IN1
IN2
IN3
F/R
Source
→ Sink
FG1
FG2
1HLH
L
OUT2
→ OUT1
LL
H
OUT1
→ OUT2
2HL
L
L
OUT3
→ OUT1
LH
H
OUT1
→ OUT3
3H
HL
L
OUT3
→ OUT2
LL
H
OUT2
→ OUT3
4
LHL
L
OUT1
→ OUT2
HH
H
OUT2
→ OUT1
5L
H
H
L
OUT1
→ OUT3
HL
H
OUT3
→ OUT1
6LL
H
L
OUT2
→ OUT3
HH
H
OUT3
→ OUT2
F/R
Forward
L
0.0 to 0.8 V
Reverse
H
4.2 to 5.0 V
FG output
FG1
FG2
Pin Assignment
LB1694N
No.5243-3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com