Electronic Components Datasheet Search
  English  ▼

X  

LB1694N Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1694N
Description  3-Phase Brushless Motor Driver????
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1694N Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1694N Datasheet HTML 1Page - Sanyo Semicon Device LB1694N Datasheet HTML 2Page - Sanyo Semicon Device LB1694N Datasheet HTML 3Page - Sanyo Semicon Device LB1694N Datasheet HTML 4Page - Sanyo Semicon Device LB1694N Datasheet HTML 5Page - Sanyo Semicon Device LB1694N Datasheet HTML 6Page - Sanyo Semicon Device LB1694N Datasheet HTML 7Page - Sanyo Semicon Device LB1694N Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pin Functions
Pin No.
Pin Name
Pin Voltage
Equivalent Circuit Diagram
Pin Function
1VCC
Supplies power to all circuits except output
block.
2R
Sets the C pin charge/discharge current.
3C
Sets the output off time and output current
neglect time during current limiter operation.
5
6
7
OUT1
OUT2
OUT3
Output pin 1
Output pin 2
Output pin 3
8RF
Output current detection pin. By inserting
resistor Rf between this pin and GND, the
output current is detected as voltage. The
output current is limited to a current value set
by VRF/Rf (current limit operation).
10
VM
Power supply pin providing output.
11
GND
GND for other than output.
The minimum potential of output transistor is
the RF pin voltage.
12
F/R
0.0 V min
VCC max
Forward/reverse control pin.
17, 18,
15, 16,
13, 14
IN1
+, IN1–
IN2
+, IN2–
IN3
+, IN3–
1.5 V min
VCC–1.8 V
max
Hall device input pin.
Logic ‘‘H’’ represents IN
+
> IN–.
19
20
FG2
FG1
Rate pulse output pin 2.
Pull-up resistor built in.
Rate pulse output pin 1.
Pull-up resistor built in.
LB1694N
No.5243-5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com