Electronic Components Datasheet Search
  English  ▼

X  

TLC59282 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59282
Description  16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59282 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC59282 Datasheet HTML 9Page - Texas Instruments TLC59282 Datasheet HTML 10Page - Texas Instruments TLC59282 Datasheet HTML 11Page - Texas Instruments TLC59282 Datasheet HTML 12Page - Texas Instruments TLC59282 Datasheet HTML 13Page - Texas Instruments TLC59282 Datasheet HTML 14Page - Texas Instruments TLC59282 Datasheet HTML 15Page - Texas Instruments TLC59282 Datasheet HTML 16Page - Texas Instruments TLC59282 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
R
(k
)=
W
IREF
V
(V)
IREF
I
(mA)
OLC
´ 41.9
TLC59282
www.ti.com
SBVS152A – DECEMBER 2010 – REVISED DECEMBER 2010
DETAILED DESCRIPTION
SETTING FOR THE CONSTANT SINK CURRENT VALUE
The constant-current values are determined by an external resistor (RIREF) placed between IREF and GND. The
resistor (RIREF) value is calculated by Equation 1.
Where:
VIREF = the internal reference voltage on the IREF pin (typically 1.205 V)
(1)
IOLC must be set in the range of 2 mA to 35 mA when VCC is less than 3.6 V. Also, when VCC is equal to 3.6 V or
greater, IOLC must be set in the range of 2 mA to 45 mA. The constant sink current characteristic for the external
resistor value is shown in Figure 10. Table 1 describes the constant-current output versus external resistor value.
Table 1. Constant-Current Output versus External Resistor Value
IOLC (mA, Typical)
RIREF (kΩ)
45 (VCC > 3.6 V only)
1.12
40 (VCC > 3.6 V only)
1.26
35
1.44
30
1.68
25
2.02
20
2.52
15
3.37
10
5.05
5
10.1
2
25.2
CONSTANT-CURRENT DRIVER ON/OFF CONTROL
When BLANK is low, the corresponding output is turned on if the data in the on/off control data latch are '1' and
remains off if the data are '0'. When BLANK is high, all outputs are forced off. This control is shown in Table 2.
Table 2. On/Off Control Data Truth Table
CONSTANT-CURRENT OUTPUT
OUTPUT ON/OFF DATA
STATUS
0
Off
1
On
When the IC is initially powered on, the data in the 16-bit shift register and output on/off data latch are not set to
the respective default value. Therefore, the output on/off data must be written to the data latch before turning the
constant-current output on. BLANK should be at a high level when powered on because the constant-current
may be turned on as a result of random data in the output on/off data latch.
The output on/off data corresponding to any unconnected OUTn outputs should be set to '0' before turning on the
remaining outputs. Otherwise, the supply current (ICC) increases while the LEDs are on.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC59282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com