Electronic Components Datasheet Search
  English  ▼

X  

TLC59282 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59282
Description  16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59282 Datasheet(HTML) 3 Page - Texas Instruments

  TLC59282 Datasheet HTML 1Page - Texas Instruments TLC59282 Datasheet HTML 2Page - Texas Instruments TLC59282 Datasheet HTML 3Page - Texas Instruments TLC59282 Datasheet HTML 4Page - Texas Instruments TLC59282 Datasheet HTML 5Page - Texas Instruments TLC59282 Datasheet HTML 6Page - Texas Instruments TLC59282 Datasheet HTML 7Page - Texas Instruments TLC59282 Datasheet HTML 8Page - Texas Instruments TLC59282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TLC59282
www.ti.com
SBVS152A – DECEMBER 2010 – REVISED DECEMBER 2010
RECOMMENDED OPERATING CONDITIONS
At TA= –40°C to +85°C, unless otherwise noted.
TLC59282
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC Characteristics: VCC = 3 V to 5.5 V
VCC
Supply voltage
3
5.5
V
VO
Voltage applied to output
OUT0 to OUT15
17
V
VIH
High-level input voltage
0.7 × VCC
VCC
V
VIL
Low-level input voltage
GND
0.3 × VCC
V
IOH
High-level output current
SOUT
–1
mA
IOL
Low-level output current
SOUT
1
mA
OUT0 to OUT15,
2
35
mA
3 V
≤ VCC < 3.6 V
IOLC
Constant output sink current
OUT0 to OUT15,
2
45
mA
3.6 V
≤ VCC < 5.5 V
TA
Operating free-air temperature range
–40
+85
°C
TJ
Operating junction temperature range
–40
+125
°C
AC Characteristics: VCC = 3 V to 5.5 V
fCLK (SCLK)
Data shift clock frequency
SCLK
35
MHz
TWH0
SCLK
10
ns
TWL0
SCLK
10
ns
TWH1
Pulse duration
LAT
20
ns
TWH2
BLANK
60
ns
TWL2
BLANK
30
ns
TSU0
SIN–SCLK
↑
4
ns
Setup time
TSU1
LAT
↓–SCLK↑
10
ns
TH0
SIN–SCLK
↑
4
ns
Hold time
TH1
LAT
↓–SCLK↑
10
ns
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC59282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com