Electronic Components Datasheet Search
  English  ▼

X  

TLC59282 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59282
Description  16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59282 Datasheet(HTML) 2 Page - Texas Instruments

  TLC59282 Datasheet HTML 1Page - Texas Instruments TLC59282 Datasheet HTML 2Page - Texas Instruments TLC59282 Datasheet HTML 3Page - Texas Instruments TLC59282 Datasheet HTML 4Page - Texas Instruments TLC59282 Datasheet HTML 5Page - Texas Instruments TLC59282 Datasheet HTML 6Page - Texas Instruments TLC59282 Datasheet HTML 7Page - Texas Instruments TLC59282 Datasheet HTML 8Page - Texas Instruments TLC59282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TLC59282
SBVS152A – DECEMBER 2010 – REVISED DECEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
ORDERING NUMBER
TRANSPORT MEDIA, QUANTITY
TLC59282DBQR
Tape and Reel, 2500
TLC59282
SSOP-24/QSOP-24
TLC59282DBQ
Tube, 50
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
TLC59282
UNIT
VCC
Supply voltage
–0.3 to +6
V
IOUT
Output current (dc)
OUT0 to OUT15
50
mA
VIN
Input voltage range
SIN, SCLK, LAT, BLANK, IREF
–0.3 to VCC + 0.3
V
SOUT
–0.3 to VCC + 0.3
V
VOUT
Output voltage range
OUT0 to OUT15
–0.3 to +18
V
TJ(MAX)
Operating junction temperature
+150
°C
TSTG
Storage temperature range
–55 to +150
°C
Human body model (HBM)
4000
V
ESD rating
Charged device model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
All voltage values are with respect to network ground terminal.
THERMAL INFORMATION
TLC59282
THERMAL METRIC(1)
DBQ
UNITS
24 PINS
qJA
Junction-to-ambient thermal resistance
73.2
qJCtop
Junction-to-case (top) thermal resistance
44.6
qJB
Junction-to-board thermal resistance
38.9
°C/W
yJT
Junction-to-top characterization parameter
12.3
yJB
Junction-to-board characterization parameter
39.7
qJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC59282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com