Electronic Components Datasheet Search
  English  ▼

X  

LB1825 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1825
Description  Three-Phase Brushless Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1825 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1825 Datasheet HTML 1Page - Sanyo Semicon Device LB1825 Datasheet HTML 2Page - Sanyo Semicon Device LB1825 Datasheet HTML 3Page - Sanyo Semicon Device LB1825 Datasheet HTML 4Page - Sanyo Semicon Device LB1825 Datasheet HTML 5Page - Sanyo Semicon Device LB1825 Datasheet HTML 6Page - Sanyo Semicon Device LB1825 Datasheet HTML 7Page - Sanyo Semicon Device LB1825 Datasheet HTML 8Page - Sanyo Semicon Device LB1825 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Continued from preceding page.
No. 4845-3/9
LB1825
Parameter
Symbol
Conditions
min
typ
max
Unit
[FG switching setting]
Single Hall FG operating level
VFGIH
FGIN pin voltage
VREG – 0.1
VREG
V
Triple Hall FG operating level
VFGIL
FGIN pin voltage
0
0.1
V
[Stop mode setting]
FGOUT1 low level voltage
VFG1L
0.4
V
FGOUT1 low level current
IFG1L
FGOUT1 pin voltage = 0 V
0.6
2.4
mA
[Current limiter]
Reference voltage
VCS
R = 47 k
Ω
0.51
0.58
0.65
V
External supply range
VCS (EX)
0.7
3.0
V
Offset voltage
VCSO
R = 47 k
Ω, R
f = 1.8 Ω
25
50
90
mV
[Signal block]
Internal oscillator frequency
fOSC
Crystal oscillator mode
1
12
MHz
External input frequency
fREF
External clock mode
30
5000
Hz
Low level pin voltage
VOSCL
4.0
4.5
5.0
V
High level pin current
IOSCH
0.3
0.5
0.75
mA
[Divisor switching]
Input high level voltage
VN1 to 3H
4.2
VREG
V
Input middle level voltage
VN1 to 3M
2.1
2.9
V
Input low level voltage
VN1 to 3L
0
0.8
V
[F/R switching]
Input high level voltage
VFRH
2.4
VREG
V
Input low level voltage
VFRL
0
1.5
V
High level input current
IFRH
F/R pin voltage = VREG
0.22
mA
[S/B switching]
Input high level voltage
VSBH
2.4
VREG
V
Input low level voltage
VSBL
1.5
V
Hysteresis (high
→ low)
DVSB
0.15
0.25
0.35
V
[Stop detection]
SCT1
FG mode
32
Count setting
SCT2
Triple Hall FG mode
8
SCT3
Single Hall FG mode
2
[Undervoltage protection]
Operating voltage
VSD
8.4
8.8
9.2
V
Hysteresis
DVSD
0.2
0.4
0.6
V
[Thermal protection]
Operating temperature
TSD
Design target value
150
180
°C
Recovery temperature
TSDR
Design target value
140
°C
[Pin leakage currents]
LD pin
ILD (LEAK)
Pin voltage = 30 V
10
µA
FGOUT2 pin
IFG2 (LEAK) Pin voltage = 30 V
10
µA
[GND pin-heat sink]
Resistance
Design target value.
30
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com