Electronic Components Datasheet Search
  English  ▼

X  

LB1825 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1825
Description  Three-Phase Brushless Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1825 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1825 Datasheet HTML 1Page - Sanyo Semicon Device LB1825 Datasheet HTML 2Page - Sanyo Semicon Device LB1825 Datasheet HTML 3Page - Sanyo Semicon Device LB1825 Datasheet HTML 4Page - Sanyo Semicon Device LB1825 Datasheet HTML 5Page - Sanyo Semicon Device LB1825 Datasheet HTML 6Page - Sanyo Semicon Device LB1825 Datasheet HTML 7Page - Sanyo Semicon Device LB1825 Datasheet HTML 8Page - Sanyo Semicon Device LB1825 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Pin Assignment
Pin Functions
Clock Divisor Switching
Note: I. Total divisor = (divisor (1)
× divisor (2))
PLL servo frequency = (crystal oscillator frequency)/(total divisor)
II. External clock mode
The PLL servo frequency = external input frequency
No. 4845-4/9
LB1825
Pin No.
Symbol
Function
Notes
1
FC
Frequency characteristics correction
A capacitor must be inserted between pin 1 and ground.
2 to 7
IN1+ to IN3+,
Hall element inputs
Taken as high when IN+ > IN–, and as low otherwise.
IN1– to IN3–
8 to 10
OUT1 to OUT3
Outputs
11
Rf
Output current detector
A capacitor must be inserted between pin 11 and ground.
12
VREG
Stabilized power supply output
13
LD
Phase lock detector output
On when the phase is locked. This pin is an open-collector
output.
14
VCC
Power supply
15
ERROUT
Error amplifier output
16
ERRIN
Error amplifier input
17
PD
Phase comparator output
18
VCS
Current limiter reference voltage generation
19
GND
Ground
20
FGIN
FG amplifier input
Also functions as the Hall FG switching pin.
21
FGOUT1
FG amplifier output
The LB1825 goes to stop mode when pin 21 is set low.
22
FGOUT2
FG/Hall FG output
This pin is an open-collector output.
23
S/B
Brake command input
Braking is applied when pin 23 is set high.
24 to 26
N1 to N3
Reference frequency divisor switching
The clock divisor is set by the states of pins 24 to 26.
27
OSC
Crystal oscillator/external clock input
28
F/R
Forward/reverse switching
Pin N1
Pin N2
Divisor (1)*I
L
L
*II
L
M
128
L
H
256
M
L
512
M
M
1024
M
H
2048
H
L
4096
H
M
8192
H
H
16384
Pin N3
Divisor (2)*I
L
5
M
4
H
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com