Electronic Components Datasheet Search
  English  ▼

X  

LB1841 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1841
Description  Low-Saturation Current-Controlled Forward/Reverse Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1841 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1841 Datasheet HTML 1Page - Sanyo Semicon Device LB1841 Datasheet HTML 2Page - Sanyo Semicon Device LB1841 Datasheet HTML 3Page - Sanyo Semicon Device LB1841 Datasheet HTML 4Page - Sanyo Semicon Device LB1841 Datasheet HTML 5Page - Sanyo Semicon Device LB1841 Datasheet HTML 6Page - Sanyo Semicon Device LB1841 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LB1841V
No. 4384-1/7
LB1841V
Package Dimensions
unit: mm
3179A-SSOP20
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
73099RM(KI)
Ordering number : ENN4384A
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Monolithic Digital IC
Low-Saturation Current-Controlled
Forward/Reverse Motor Driver
[LB1841V]
SANYO : SSOP20
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
10.5
V
Maximum output current
Im max
800
mA
Applied input voltage
VIN
–0.3 to +10
V
Allowable power dissipation
Pd max
With substrate (50
× 35 × 1.6 mm3)
800
mW
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–40 to +150
°C
110
11
6.7
20
0.65
0.22
0.43
0.15
Overview
The LB1841V is a low-saturation current-controlled
forward/reverse motor driver with provision for a constant
voltage circuit using an external transistor and an output
current limiter function. Its design is optimized for use in
video camera loading motors.
Features
• Built-in output current limiter and detector circuit
• Built-in low-saturation voltage forward/reverse bridge
circuit: VOsat = 0.40V typ. at 400 mA
• Little current drain in standby mode
(up to 0.1
µA)
• Built-in low-saturation constant voltage circuit using an
external pnp transistor
• Built-in reference voltage linked to input
• Built-in thermal shutdown circuit
• Low external parts count. Compact SSOP-20 package
allows space saving design.


Similar Part No. - LB1841

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB184 ETC-LB184 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Sanyo Semicon Device
LB1840 SANYO-LB1840 Datasheet
73Kb / 5P
Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
LB1840M SANYO-LB1840M Datasheet
73Kb / 5P
Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
LB1843V SANYO-LB1843V Datasheet
90Kb / 6P
Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V Datasheet
116Kb / 6P
Low-saturation, current-controlled bidirectional motor driver
More results

Similar Description - LB1841

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
Low-saturation Forward/Reverse Motor Drive
LB1938T SANYO-LB1938T_07 Datasheet
65Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com