Electronic Components Datasheet Search
  English  ▼

X  

LB1841 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1841
Description  Low-Saturation Current-Controlled Forward/Reverse Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1841 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LB1841 Datasheet HTML 1Page - Sanyo Semicon Device LB1841 Datasheet HTML 2Page - Sanyo Semicon Device LB1841 Datasheet HTML 3Page - Sanyo Semicon Device LB1841 Datasheet HTML 4Page - Sanyo Semicon Device LB1841 Datasheet HTML 5Page - Sanyo Semicon Device LB1841 Datasheet HTML 6Page - Sanyo Semicon Device LB1841 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LB1841V
No. 4384-6/7
240
200
160
120
80
0
01
2
3
4
5
Input voltage, VIN – V
IIN – VIN
6
7
8
9
10
11
40
VCC = 8.0V
16
14
12
10
8
6
4
0
01
2
3
4
5
Power supply voltage, VCC – V
ICC – VCC
6
7
8
9
10
12
11
2
LIR = SVR = Vref
VIN = 5.0V
Rf = 0.5Ω, no load
DEL = L
Brake
DEL = H
Forward/
reverse
6
5
4
3
2
0
01
2
3
4
5
Power supply voltage, VCC – V
VS – VCC
6
7
8
9
10
11
1
VIN = 5.0V
SVR = Vref
10
8
6
4
0
0
0.4
0.8
1.2
1.6
2.0
SVR input voltage, VSVR – V
VS – VSVR
2.4
2.8
3.2
3.6
4.0
4.8
4.4
2
VCC = 8.0V
VIN = 3.0V
LIR = Vref
Forward/reverse
0.6
0.5
0.4
0.3
0.2
0
0
100
200
300
400
500
Output current, IO – mA
VO(sat) – IO
600
700
800
900
0.1
VCC = 6.0V
VIN = 3.0V
LIR = SVR = Vref
DEL = L
0.4
0.3
0.2
0
–40
–20
0
20
40
Ambient temperature, Ta –
°C
VO(sat) – Ta
60
80
100
120
160
140
0.1
VCC = 6.0V
VIN = 3.0V
LIR = SVR = Vref
DEL = L
IO = 400mA
200mA
400
300
200
0
01
2
3
4
Power supply voltage, VCC – V
VLIR – V
I limit – VCC
5
67
8
9
11
10
100
SVR = Vref
VIN = 3.0V
RL = 10Ω
Rf = 0.5Ω
.
.
600
500
400
300
200
100
0
0
0.4
0.8
1.2
1.6
2.0
I limit – VLIR
2.4
2.8
3.2
3.6
4.0
4.8
4.4
VCC = 6.0V
SVR = Vref
RL = 10Ω
1.0
Ω
Ilimit = 300mA
200mA
100mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com