Electronic Components Datasheet Search
  English  ▼

X  

LB1841 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1841
Description  Low-Saturation Current-Controlled Forward/Reverse Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1841 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1841 Datasheet HTML 1Page - Sanyo Semicon Device LB1841 Datasheet HTML 2Page - Sanyo Semicon Device LB1841 Datasheet HTML 3Page - Sanyo Semicon Device LB1841 Datasheet HTML 4Page - Sanyo Semicon Device LB1841 Datasheet HTML 5Page - Sanyo Semicon Device LB1841 Datasheet HTML 6Page - Sanyo Semicon Device LB1841 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LB1841V
No. 4384-5/7
DEL
OUT
RD
H
limit
L
Non-limit (saturation)
H
L
Saturation
H
• Set current detection circuit
(1) When DEL = High
When the motor current IM is below the set current Ilimit, the input voltage (IM × Rf) at the – side of the current
setting amplifier is smaller than the input voltage at the + side (larger vs. ground). The drive current therefore
increases and the output pnp transistor saturates. When this condition is detected, a signal is sent to the set
current detection circuit and the RD output becomes High.
When the motor current IM reaches the set current Ilimit, the output pnp transistor is in the controlled state and
the RD output becomes Low.
(2) When DEL = Low
When a Low signal is input to the DEL pin, operation of the current setting amplifier is canceled. Therefore as
described above, the output transistor saturates and the RD output becomes High.
The above conditions are shown in the table below.
Output Current Limiter and Setting Current Detection Circuits Block Diagram
LIR
VLIR
VCC
VCC
VS
VM
PBC
Rf
10RS
IM
RD
P-G
DEL
RS
M
Setting current
detection circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com