Electronic Components Datasheet Search
  English  ▼

X  

LB1855 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1855
Description  3-Phase Brushless Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1855 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1855 Datasheet HTML 1Page - Sanyo Semicon Device LB1855 Datasheet HTML 2Page - Sanyo Semicon Device LB1855 Datasheet HTML 3Page - Sanyo Semicon Device LB1855 Datasheet HTML 4Page - Sanyo Semicon Device LB1855 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
No. 5798-2/5
LB1855NM
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply current
ICC
VC = GND
8
mA
Reference voltage
VREF
IR = 8 mA
6.0
6.3
6.6
V
[Saturation voltage]
Upper side
Vsat1
IO = 1 A
1.5
1.9
V
Lower side
Vsat2
IO = 1 A
0.8
1.2
V
[Leakage current]
Upper side
IOL1
VCC = 18 V
50
µA
Lower side
IOL2
VCC = 18 V
50
µA
[Hall Amplifier]
Input offset voltage
VHO
*
–10
+10
mV
Common-mode input voltage range
VHCM
2.2
VCC – 0.7
V
[Control Amplifier]
Control reference voltage
VREF1
(the VCREF pin voltage) × 23/16
2.1
2.3
2.5
V
Control Gm
VG
Rf = 1
Ω
1
A/V
Input current
IIN
10
µA
[Thermal Shutdown Circuit]
Operating temperature
TTSD
*
180
°C
Hysteresis
∆TTSD
*
15
°C
Note: Items marked with an asterisk (*) are design target values and are not tested.
However, note that certain motors may require output capacitors to prevent oscillation.
Pin Assignment
Block Diagram
Electrical Characteristics at Ta = 25°C, VCC = 12 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com