Electronic Components Datasheet Search
  English  ▼

X  

LB1855 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1855
Description  3-Phase Brushless Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1855 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1855 Datasheet HTML 1Page - Sanyo Semicon Device LB1855 Datasheet HTML 2Page - Sanyo Semicon Device LB1855 Datasheet HTML 3Page - Sanyo Semicon Device LB1855 Datasheet HTML 4Page - Sanyo Semicon Device LB1855 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
No. 5798-4/5
LB1855NM
Continued from preceding page.
Pin No.
Pin
Pin voltage (V)
Pin description
Equivalent circuit
7
AGC
• AGC pin
The Hall amplifier gain can be controlled according to the
amplitude of the Hall input by inserting a capacitor between this
pin and ground.
8
VREF
• Internal reference voltage. About 6.3 V.
9
10
11
12
13
14
UIN1
UIN2
VIN1
VIN2
WIN1
WIN2
2.2 to
VCC – 0.7
• Hall element inputs pin
15
16
VCREF
VC
0 to 5
• Speed control pin
This IC adopts a current control type in which the output current
is controlled by the pin 16 voltage. The control start voltage
changes about 1.3 to 1.4 V if pin 15 is connected to ground.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com