Electronic Components Datasheet Search
  English  ▼

X  

LB1855 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1855
Description  3-Phase Brushless Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1855 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1855 Datasheet HTML 1Page - Sanyo Semicon Device LB1855 Datasheet HTML 2Page - Sanyo Semicon Device LB1855 Datasheet HTML 3Page - Sanyo Semicon Device LB1855 Datasheet HTML 4Page - Sanyo Semicon Device LB1855 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pin No.
Pin
Pin voltage (V)
Pin description
Equivalent circuit
No. 5798-3/5
LB1855NM
Sample Application Circuit
Hall input voltage range: 2.2 to (VCC – 0.7) V DC
70 mV p-p to 300 mV p-p AC
Truth Table
Input: “H” indicates that the input phase 1 is at least 0.2 V higher than phase 2.
“L” indicates that the input phase 1 is at least 0.2 V lower than phase 2.
1
FC
• Frequency characteristics correction
Oscillation in the current control closed loop can be prevented
by inserting a capacitor between this pin and VREF.
Item
Source
→ sink
Input
U
V
W
1
V phase
→ W phase
H
H
L
2
U phase
→ W phase
H
L
L
3
W phase
→ V phase
L
L
H
4
V phase
→ U phase
L
H
L
5
U phase
→ V phase
H
L
H
6
W phase
→ U phase
L
H
H
Pin Functions
2
VCC
7 to 18
• Power supply pin
3
4
5
WOUT
VOUT
UOUT
• Outputs pin
6
Rf
• Ground for the output transistor
The output current can be detected as a voltage by inserting the
resistor Rf between this pin and ground to provide fixed current
drive. The current limiter also operates by detecting this voltage.
Continued on next page.
However, note that certain motors may require output capacitors to prevent oscillation.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com