Electronic Components Datasheet Search
  English  ▼

X  

FCX555 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX555
Description  180V High voltage PNP switching transistor in SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX555 Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX555 Datasheet HTML 1Page - Diodes Incorporated FCX555 Datasheet HTML 2Page - Diodes Incorporated FCX555 Datasheet HTML 3Page - Diodes Incorporated FCX555 Datasheet HTML 4Page - Diodes Incorporated FCX555 Datasheet HTML 5Page - Diodes Incorporated FCX555 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 1 - November 2005
1
www.zetex.com
© Zetex Semiconductors plc 2005
FCX555
180V High voltage PNP switching transistor in SOT89
Summary
BVCEV > -180V
Description
Packaged in the SOT89 outline this new high gain medium power
PNP transistor offers 180V forward blocking capability making it
ideal for use in VOIC and various driving and power management
functions.
Features
•
180 volts forward blocking
Applications
•
Voice over internet protocol (VOIC)
•
MOSFET gate drivers
•
Power switches
•
Motor control
Ordering information
Device marking
555
Device
Reel size
Tape width
Quantity per reel
FCX555TA
7”
12mm embossed
1,000
Pin out - top view


Similar Part No. - FCX555

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX555 ZETEX-FCX555 Datasheet
148Kb / 6P
180V High voltage PNP switching transistor in SOT89
FCX555TA ZETEX-FCX555TA Datasheet
148Kb / 6P
180V High voltage PNP switching transistor in SOT89
logo
Diodes Incorporated
FCX555 DIODES-FCX555_15 Datasheet
245Kb / 7P
150V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
More results

Similar Description - FCX555

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX555 ZETEX-FCX555 Datasheet
148Kb / 6P
180V High voltage PNP switching transistor in SOT89
ZXTP5401Z ZETEX-ZXTP5401Z Datasheet
241Kb / 8P
150V, SOT89, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401Z DIODES-ZXTP5401Z Datasheet
253Kb / 8P
150V, SOT89, PNP High voltage transistor
AUGUST 2007
FCX558TA DIODES-FCX558TA Datasheet
297Kb / 6P
400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 4
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 3
2DA1213O DIODES-2DA1213O_15 Datasheet
268Kb / 6P
50V PNP POWER SWITCHING TRANSISTOR IN SOT89
Rev 5
FCX555 DIODES-FCX555_15 Datasheet
245Kb / 7P
150V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
FCX558 DIODES-FCX558_15 Datasheet
563Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 6
2DA1213YQ DIODES-2DA1213YQ Datasheet
422Kb / 6P
50V PNP POWER SWITCHING TRANSISTOR IN SOT89
December 2019 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com