Electronic Components Datasheet Search
  English  ▼

X  

FCX555 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FCX555
Description  180V High voltage PNP switching transistor in SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX555 Datasheet(HTML) 2 Page - Diodes Incorporated

  FCX555 Datasheet HTML 1Page - Diodes Incorporated FCX555 Datasheet HTML 2Page - Diodes Incorporated FCX555 Datasheet HTML 3Page - Diodes Incorporated FCX555 Datasheet HTML 4Page - Diodes Incorporated FCX555 Datasheet HTML 5Page - Diodes Incorporated FCX555 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FCX555
Issue 1 - November 2005
2
www.zetex.com
© Zetex Semiconductors plc 2005
Absolute maximum ratings
NOTES:
(a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in
still air conditions.
(b) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in
still air conditions.
Parameter
Symbol
Limit
Unit
Collector-base voltage
VCBO
-180
V
Collector-emitter voltage
VCEV
-180
V
Emitter-base voltage
VEBO
-7
V
Continuous collector current(a)
IC
-0.7
A
Peak pulse current
ICM
-2
A
Power dissipation at TA =25°C(a)
Linear derating factor
PD
1.5
12
W
mW/°C
Power dissipation at TA =25°C(b)
Linear derating factor
PD
2.1
16.8
W
mW/°C
Operating and storage temperature range
Tj:Tstg
-55 to +150
°C
Thermal resistance
Parameter
Symbol
Value
Unit
Junction to ambient(a)
R
θ
JA
83
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com