Electronic Components Datasheet Search
  English  ▼

X  

LB1896 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1896
Description  3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1896 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1896 Datasheet HTML 1Page - Sanyo Semicon Device LB1896 Datasheet HTML 2Page - Sanyo Semicon Device LB1896 Datasheet HTML 3Page - Sanyo Semicon Device LB1896 Datasheet HTML 4Page - Sanyo Semicon Device LB1896 Datasheet HTML 5Page - Sanyo Semicon Device LB1896 Datasheet HTML 6Page - Sanyo Semicon Device LB1896 Datasheet HTML 7Page - Sanyo Semicon Device LB1896 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics at Ta=25 °C, VCC1 = 12V,VCC2=5 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current 1
ICC1
VC = open, VCref = open, RL = ∞,
VS/S =5V
17
30
mA
Supply current 2
ICC2VC = open, VCref = open
7.5
10.5
mA
Supply current 3
ICC3
VC = open, VCref = open, RL = ∞,
VS/S =0V,(ICC of VCC1)
0.9
3
mA
[Drive block]
Output saturation voltage
VO(sat)1IOUT = 0.4 A, sink + source
1.6
2.2
V
VO(sat)2IOUT = 0.8 A, sink + source
2.0
3.0
V
Output TRS sustaining voltage
VO(sus)
IOUT =20mA
20
V
Output static voltage
VOQ
VC = 2.5 V, VCref = 2.5 V
5.7
6.0
6.3
V
Hall amplifier input offset voltage
VH offset
–5
+5
mV
Hall amplifier input bias current
IH bias
15
µA
Hall amplifier common-mode input
voltage range
VHch
1.3
2.2
V
Hall input/output voltage gain
GVHO
40
43
46
dB
Control/output drive gain 1
GVCO1
RZ1 = RZ2, GC1 = L, GC2 = L
26
29
dB
Control/output channel difference 1
∆GVCO1
RZ1 = RZ2, GC1 = L, GC2 = L
–1.5
+1.5
dB
Control/output drive gain 2
GVCO2
RZ1 = RZ2, GC1 = L, GC2 = H
32
35
dB
Control/output channel difference 2
∆GVCO2
RZ1 = RZ2, GC1 = L, GC2 = H
–1.9
+1.9
dB
Input dead zone voltage
VDZ
RZ1 = RZ2, GC1 = L, GC2 = L
VO (voltage between out and out) =
0.1 V
±13
±38
±55
mV
Input bias current 1
IB SERVO
VC = 1.0 V
500
nA
Input bias current 2
IB n.s
VNS = 1.0 V
500
nA
S/S pin high voltage
VS/S H
Input is CMOS level
4
V
S/S pin low voltage
VS/S L
Note) S/S pin Vth = VCC2/2
1
V
Gain control 1 high voltage
VGC1 H
Input is at CMOS level.
4
V
Gain control 1 low voltage
VGC1 L
Note) GC1 pin Vth = 2.0 V
1
V
Gain control 2 high voltage
VGC2 H
Input is at CMOS level.
4
V
Gain control 2 low voltage
VGC2 L
Note) GC2 pin Vth = 2.0 V
1
V
S/S pin input current
I S/S
Input voltage=5V
50
100
µA
Gain control 1, 2 current
IGC
Input voltage=5V
53
110
µA
Rotation output saturation voltage
V(sat) H.FG
IO = –5 mA
0.24
0.5
V
Rotation output saturation sustaining
voltage
V(sus) H.FG
7V
Hall bias voltage
VH±
IO = 5 mA, RH = 200 Ω
0.7
0.97
1.2
V
CTRL pin high voltage
VCTRL H
Common for CTRL1 and CTRL2
input CMOS level
4V
CTRL pin low voltage
VCTRL L
Note) CTRL pin Vth = 2.5 V
1.0
V
CTRL input current
ICTRL
Input voltage=5V
53
110
µA
TSD operation voltage
TSD
Design target
150
180
210
°C
TSD hysteresis
∆TSD
Design target
15
°C
Note) Vth is a design target and not measured.
Ambient temperature, Ta — °C
LB1896
No.5225-2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com