Electronic Components Datasheet Search
  English  ▼

X  

LB1896 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1896
Description  3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1896 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1896 Datasheet HTML 1Page - Sanyo Semicon Device LB1896 Datasheet HTML 2Page - Sanyo Semicon Device LB1896 Datasheet HTML 3Page - Sanyo Semicon Device LB1896 Datasheet HTML 4Page - Sanyo Semicon Device LB1896 Datasheet HTML 5Page - Sanyo Semicon Device LB1896 Datasheet HTML 6Page - Sanyo Semicon Device LB1896 Datasheet HTML 7Page - Sanyo Semicon Device LB1896 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pin Functions
Pin No.
Pin Name
Pin Voltage
Equivalent Circuit Diagram
Pin Function
3, 4
20, 21
Frame
GND
Frame GND.
GND must be shared.
2
GND
GND
23
22
19
UOUT
VOUT
WOUT
Output pins.
Motor connection
17
Rf
Output Tr GND.
A resistor can be connected between this pin
and GND to sense the output current as a
voltage drop to provide for overcurrent
protection.
18, 24
NC
Idle pins.
16
VCC2
4.3 to 6.5 V
v Power supply for blocks other than the
output block.
v This supply should be kept stable to
prevent ripple and noise from entering this
pin.
15
14
Z1
Z2
v First-stage amplifier gain setting resistors.
v Z1 and Z2 normally range from several
tens of k
Ω to several hundreds of kΩ.
v The gain is about 6 dB.
13
12
VC
VCref
VCC2/2
±1.0
v VC is the speed control pin.
Forward when VC > VCref.
Reverse when VC < VCref.
VC is used to control the output voltage.
v VCref determines the motor control stop
voltage.
VCC2/2 in normal use.
11
10
GC1
GC2
0toVCC2
v Input/output gain switching pins.
v GC1 is for first-stage amplifier Z1/Z2
switching.
When GC1 is LOW, Z1 is selected;
when HIGH, Z2 is selected. GC2 is for
next-stage amplifier switching.
Continued on next page.
LB1896
No.5225-4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com