Electronic Components Datasheet Search
  English  ▼

X  

LB1896 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1896
Description  3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1896 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1896 Datasheet HTML 1Page - Sanyo Semicon Device LB1896 Datasheet HTML 2Page - Sanyo Semicon Device LB1896 Datasheet HTML 3Page - Sanyo Semicon Device LB1896 Datasheet HTML 4Page - Sanyo Semicon Device LB1896 Datasheet HTML 5Page - Sanyo Semicon Device LB1896 Datasheet HTML 6Page - Sanyo Semicon Device LB1896 Datasheet HTML 7Page - Sanyo Semicon Device LB1896 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Mode Switching Truth Table
CTRL0
CTRL1
Mode
L
L
Control
L
H
Noncontrol
H
L
Acceleration
H
H
Deceleration
L
= 0 to 1.0 V
H
= 4.0 V or more
Hall Logic Truth Table
Source
→ Sink
Hall input
F/R Control
UIN
VIN
WIN
1
W
→ V
V
→ W
HH
L
Forward
Reverse
2
W
→ U
U
→ W
HL
L
Forward
Reverse
3
V
→ W
W
→ V
LL
H
Forward
Reverse
4
U
→ V
V
→ U
LHL
Forward
Reverse
5
V
→ U
U
→ V
HLH
Forward
Reverse
6
U
→ W
W
→ U
LH
H
Forward
Reverse
An input is considered to be HIGH when UIN1 > UIN2, VIN1 > VIN2, and WIN1 > WIN2 by 0.2 V or more.
Forward when VC > VCref
Reverse when VC < VCref
Pin Assignment
LB1896
No.5225-3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com