Electronic Components Datasheet Search
  English  ▼

X  

LB1964 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1964
Description  Fan Motor Single-Phase Full-Wave Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1964 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1964 Datasheet HTML 1Page - Sanyo Semicon Device LB1964 Datasheet HTML 2Page - Sanyo Semicon Device LB1964 Datasheet HTML 3Page - Sanyo Semicon Device LB1964 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LB1964T
No. 6188-1/4
Overview
The LB1964T is a driver for single-phase bipolar drive fan
motors that features compact and low-profile MSOP–8
package. Low-saturation output and low-voltage operation
make it ideal for applications that require small size and
high efficiency, such as notebook computers and CPU
cooling fans.
Features
• Single-phase full-wave drive
• Low-voltage operation (VCC = 2.0V min.)
• Low-saturation output (upper side + lower side saturation
voltage: Vosat (total) = 0.3V typ., Io = 100 mA)
• Ultraminiature package (3.0
× 4.9 × 0.93 mm3)
• FG output
• Built-in thermal protection circuit
LB1964T
Package Dimensions
unit: mm
3245-MSOP8
O2599RM(KI)
Ordering number : ENN6188A
Monolithic Digital IC
Fan Motor Single-Phase Full-Wave Driver
[LB1964T]
SANYO : MSOP8
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
9
V
Allowable power dissipation
Pd max
With specified substrate*
370
mW
OUT output current
IOUT max
0.3
A
OUT output withstand voltage
VOUT max
9
V
FG output withstand voltage
VFG max
7
V
FG output current
IFG max
5
mA
Operating temperature
Topr
–20 to +85
˚C
Storage temperature
Tstg
–55 to +150
˚C
3.0
0.65
(0.5)
0.25
14
85
0.25
Allowable Operating Ranges at Ta = 25˚C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC
2 to 8
V
Hall input common mode input voltage
VICM
0.2 to VCC–1
V
range
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
* Specified substrate (20.0
× 10.0 × 0.8 mm3 paper phenol)


Similar Part No. - LB1964

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
LB1960M SANYO-LB1960M Datasheet
69Kb / 4P
For Fan Motor 2-phase Half-Wave Driver
LB1960MC SANYO-LB1960MC Datasheet
162Kb / 4P
2-phase Half-Wave Driver
logo
ON Semiconductor
LB1960MC ONSEMI-LB1960MC Datasheet
135Kb / 4P
2-phase Half-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB1960MC-AH SANYO-LB1960MC-AH Datasheet
162Kb / 4P
2-phase Half-Wave Driver
More results

Similar Description - LB1964

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
Fan Motor Single-Phase Full-Wave Driver
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com