Electronic Components Datasheet Search
  English  ▼

X  

LB1964 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1964
Description  Fan Motor Single-Phase Full-Wave Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1964 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1964 Datasheet HTML 1Page - Sanyo Semicon Device LB1964 Datasheet HTML 2Page - Sanyo Semicon Device LB1964 Datasheet HTML 3Page - Sanyo Semicon Device LB1964 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1964T
No. 6188-2/4
Electrical Characteristics at Ta = 25˚C, VCC = 3.3V, unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
Icc
3
4.5
mA
OUT output Low saturation voltage
VOL
IO = 100 mA
0.2
0.3
V
OUT output High saturation voltage
VOH
IO = 100 mA
0.2
0.3
V
Hall bias voltage
VHB
RH = 360
Ω
1.17
1.27
1.37
V
Hall input sensitivity
VHN
Zero peak value
1
7
mV
FG output Low voltage
VFG
IFG = 3 mA
0.2
0.3
V
FG output leak current
IFGL
VFG = 7V
30
µA
Thermal protection operating
TTSD
Assured design target*
150
180
200
˚C
temperature
* Assured design target: Target value, not measured individually
Truth Table
IN–
IN+
OUT1
OUT2
FG
Mode
H
L
H
L
L
Rotating
LHLH
Off
–
–
Off
Off
–
In thermal protection
Pin Assignment
0.2
0.37
0.4
0
0.6
–20
0
20
40
60
80
100
Pd max – Ta
Ambient temperature, Ta – ˚C
0.19
With specified substrate (20.0
× 10.0 × 0.8 mm3)
paper phenol
LB1964T
IN–
IN+
HB
OUT1
GND
Top view
OUT2
FG
VCC
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com