Electronic Components Datasheet Search
  English  ▼

X  

LB1964 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1964
Description  Fan Motor Single-Phase Full-Wave Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1964 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1964 Datasheet HTML 1Page - Sanyo Semicon Device LB1964 Datasheet HTML 2Page - Sanyo Semicon Device LB1964 Datasheet HTML 3Page - Sanyo Semicon Device LB1964 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LB1964T
No. 6188-3/4
Sample Application Circuit
Block Diagram
GND
Thermal protection
circuit
M
FG
Control
circuit
HB
HALL
IN–
IN+
VCC
OUT1
OUT2
Delay circuit
Constant voltage
circuit
Delay circuit
*1 When a diode is used to protect the IC from destruction in case of reverse connection, the capacitor Cr
must be inserted to provide a regenerative current route. Similarly, a capacitor is needed in the power
supply line, even if no diode is used.
*2 The Hall element is supplied with a constant-voltage bias of approx. 1.27V from the HB pin. This
ensures stable output with good temperature characteristics from the Hall element. Because the
LB1964T incorporates a Hall amplifier with low offset, it provides coil output with a stable duty.
*3 The Hall amplifier does not have a hysteresis characteristic. The OUT1 and IN– pins are at the same
phase, and by arranging the two pins next to each other, chatter during phase switching is prevented.
However, if the wiring leading to the IN– pin is long, some noise interference may occur. In such a
case, the following steps should be considered:
(1) Arrange parts layout with priority to proximity of Hall element and IC, to allow short Hall element
output wiring.
(2) Insert a resistor of about 10 to 100 k
Ω between OUT1 and IN– to create a hysteresis characteristic.
GND
VCC
FG
OUT1
OUT2
IN+
IN–
H
HB
∗1
Di
Cr
∗2
∗3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com