Electronic Components Datasheet Search
  English  ▼

X  

LB1975 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1975
Description  DC Fan Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1975 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1975 Datasheet HTML 1Page - Sanyo Semicon Device LB1975 Datasheet HTML 2Page - Sanyo Semicon Device LB1975 Datasheet HTML 3Page - Sanyo Semicon Device LB1975 Datasheet HTML 4Page - Sanyo Semicon Device LB1975 Datasheet HTML 5Page - Sanyo Semicon Device LB1975 Datasheet HTML 6Page - Sanyo Semicon Device LB1975 Datasheet HTML 7Page - Sanyo Semicon Device LB1975 Datasheet HTML 8Page - Sanyo Semicon Device LB1975 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
No. 6087-3/12
LB1975
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply current
ICC
10
14
18
mA
[Output Block]
VOsat1 (L) IO = 1.0 A, VO (sink)
1.1
1.4
V
VOsat1 (H) IO = 1.0 A, VO (source)
0.9
1.3
V
Output saturation voltage
VOsat1
IO = 1.0 A, VO (sink) + VO (source)
2.0
2.6
V
VOsat2 (L) IO = 2.0 A, VO (sink)
1.4
1.8
V
VOsat2 (H) IO = 2.0 A, VO (source)
1.2
1.7
V
VOsat2
IO = 2.0 A, VO (sink) + VO (source)
2.6
3.4
V
Output leak current
IOLeak (L)
100
µA
IOLeak (H)
–100
µA
Upper side diode forward voltage
VFH1
IO = 1.0 A
1.2
1.6
V
VFH2
IO = 2.0 A
2.1
2.6
V
[Hall Amplifier]
Input bias current
IHB
–4
–1
µA
Common-mode input voltage range
VICM
1.5
VCC – 1.5
V
Hall input sensitivity
VHIN
60
mVp-p
Hysteresis width
∆VIN (HA)
23
32
39
mV
Input voltage (low to high)
VSLH
6
16
25
mV
Input voltage (high to low)
VSHL
–25
–16
–6
mV
[FG Pin (speed pulse output)]
Output low-level voltage
VFGL
IFG = 5 mA
0.5
V
Pull-up resistor value
RFG
7.5
10
12.5
k
Ω
[Current Limiter]
Limiter
VRF
0.45
0.50
0.55
V
[Thermal Shutdown]
Thermal shutdown operating temperature
TSD
Desigh target Value (junction temperature)
150
180
°C
Hysteresis width
∆TSD
Desigh target Value (junction temperature)
40
°C
[Low-Voltage Protection]
Operating voltage
VLVSD
3.5
3.8
4.1
V
Non-operating voltage
VLVSD (OFF)
4.3
4.5
V
Hysteresis width
∆VLSD
0.4
0.5
0.6
V
[PWM Oscillator]
Output high-level voltage
VOH (OSC)
2.95
3.10
3.25
V
Output low-level voltage
VOL (OSC)
1.38
1.45
1.59
V
Amplitude
VOSC
1.50
1.65
1.71
Vp-p
Ocillator frequency
fOSC
C = 2200 pF
19.6
23.0
27.6
kHz
Charge current
ICHG
–110
–94
–83
µA
Discharge resistance
RDCHG
1.6
2.1
2.6
k
Ω
[VREG Pin]
Pin voltage
VREG
IREG = 1.5 mA
6.6
7.0
7.2
V
[VCTL Pin]
Input voltage
VCTL1
Output duty 0%
1.1
1.4
1.7
V
VCTL2
Output duty 100%
3.2
3.5
3.8
V
Input bias current
IB1 (CTL) VCTL = 0 V
–82
µA
IB2 (CTL) VCTL = 5 V
92
µA
[VCTL Amplifier]
Reference voltage
VCREF
2.23
2.35
2.46
V
Output voltage
VCOUT1
VCTL = 0 V
3.90
4.20
4.40
V
VCOUT2
VCTL = 5 V
0.60
0.80
1.10
V
[Start/Stop Pin]
High-level input voltage range
VIH (S/S)
VCC – 1.5
VCC
V
Low-level input voltage range
VIL (S/S)
0
1.5
V
Input open voltage
VIO (S/S)
VCC – 0.5
VCC
V
Electrical Characteristics at Ta = 25°C, VCC = 5 V, VM = 30 V
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com