Electronic Components Datasheet Search
  English  ▼

X  

LB1975 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1975
Description  DC Fan Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1975 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1975 Datasheet HTML 1Page - Sanyo Semicon Device LB1975 Datasheet HTML 2Page - Sanyo Semicon Device LB1975 Datasheet HTML 3Page - Sanyo Semicon Device LB1975 Datasheet HTML 4Page - Sanyo Semicon Device LB1975 Datasheet HTML 5Page - Sanyo Semicon Device LB1975 Datasheet HTML 6Page - Sanyo Semicon Device LB1975 Datasheet HTML 7Page - Sanyo Semicon Device LB1975 Datasheet HTML 8Page - Sanyo Semicon Device LB1975 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
No. 6087-4/12
LB1975
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis width
∆VIN (S/S)
0.35
0.50
0.65
V
High-level input current
IIH (S/S)
V (S/S) = VCC
–10
0
10
µA
Low-level input current
IIL (S/S)
V (S/S) = 0 V
–280
–210
µA
[Forward/Reverse Pin]
High-level input voltage range
VIH (F/R)
VCC – 1.5
VCC
V
Low-level input voltage range
VIL (F/R)
0
1.5
V
Input open voltage
VIO (F/R)
VCC – 0.5
VCC
V
Hysteresis width
∆VIN (F/R)
0.35
0.50
0.65
V
High-level input current
IIH (F/R)
V (F/R) = VCC
–10
0
10
µA
Low-level input current
IIL (F/R)
V (F/R) = 0 V
–280
–210
µA
Continued from preceding page.
LB1975
VCOUT
VCC VREG S/S
F/R
(NC) OUT1 OUT2 OUT3 (NC) (NC) GND3 GND2
RF
VM
VCTL OSC (NC) VCREF IN1
–
IN1
+
IN2
–
IN2
+
IN3
–
IN3
+
FG1
FG2 GND1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Top view
A11950
Pin Assignment
Truth Table
F/R
Forward rotation Low
0 V to 1.5 V
Reverse rotation High
VCC – 1.5 V to VCC
FG output
Input
Forward/reverse control
Output
FG output
IN1
IN2
IN3
F/R
Source
→ Sink
FG1
FG2
1
H
L
H
L
OUT2
→ OUT1
L
L
H
OUT1
→ OUT2
2
H
L
L
L
OUT3
→ OUT1
L
H
H
OUT1
→ OUT3
3
H
H
L
L
OUT3
→ OUT2
L
L
H
OUT2
→ OUT3
4
L
H
L
L
OUT1
→ OUT2
H
H
H
OUT2
→ OUT1
5
L
H
H
L
OUT1
→ OUT3
H
L
H
OUT3
→ OUT1
6
L
L
H
L
OUT2
→ OUT3
H
H
H
OUT3
→ OUT2
FG1
FG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com