Electronic Components Datasheet Search
  English  ▼

X  

LB1975 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1975
Description  DC Fan Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1975 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LB1975 Datasheet HTML 2Page - Sanyo Semicon Device LB1975 Datasheet HTML 3Page - Sanyo Semicon Device LB1975 Datasheet HTML 4Page - Sanyo Semicon Device LB1975 Datasheet HTML 5Page - Sanyo Semicon Device LB1975 Datasheet HTML 6Page - Sanyo Semicon Device LB1975 Datasheet HTML 7Page - Sanyo Semicon Device LB1975 Datasheet HTML 8Page - Sanyo Semicon Device LB1975 Datasheet HTML 9Page - Sanyo Semicon Device LB1975 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
No. 6087-6/12
LB1975
Pin Functions
Pin No.
Pin name
Pin voltage
Pin function
Equivalent circuit
Power supply for blocks other than
the output block
1
A11953
2
VCC
4.5 V to 6.7 V
Shunt regulator output pin (7 V)
2
VREG
0.0 V to 7.3 V
A11954
3
VCC
20 k
Ω
3.8 k
Ω
Start/stop control pin
Low: start
High or Open: stop
Typical threshold voltage for
VCC = 5 V:
approx. 2.8 V (low to high)
approx. 2.3 V (high to low)
3
S/S
0.0 V to VCC
A11955
4
VCC
20 k
Ω
3.8 k
Ω
Forward/reverse pin
Low: forward
High or Open: reverse
Typical threshold voltage for
VCC = 5 V:
approx. 2.8 V (low to high)
approx. 2.3 V (high to low)
4
F/R
0.0 V to VCC
A11956
8
7
6
14
13
VCC
200
Ω
0.5 V
VM
Output pin 1
Output pin 2
Output pin 3
Output current detect pin. Connect
resistor RF between this pin and
ground. Output current is limited to
value set with VRF/Rf. (Current limiter
operation)
6
7
8
13
OUT1
OUT2
OUT3
RF
0.0 V to VCC
Output block power supply
14
VM
Output block ground
11
GND3
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com