Electronic Components Datasheet Search
  English  ▼

X  

AD622 Datasheet(PDF) 10 Page - Analog Devices

Part # AD622
Description  Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD622 Datasheet HTML 6Page - Analog Devices AD622 Datasheet HTML 7Page - Analog Devices AD622 Datasheet HTML 8Page - Analog Devices AD622 Datasheet HTML 9Page - Analog Devices AD622 Datasheet HTML 10Page - Analog Devices AD622 Datasheet HTML 11Page - Analog Devices AD622 Datasheet HTML 12Page - Analog Devices AD622 Datasheet HTML 13Page - Analog Devices AD622 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD622
Rev. D | Page 10 of 16
The AD622 provides greater accuracy at lower cost. The higher
cost of the homebrew circuit is dominated in this case by the
matched resistor network. One could also realize a homebrew
design using cheaper discrete resistors that are either trimmed
or hand selected to give high common-mode rejection. This
level of common-mode rejection, however, degrades significantly
over temperature due to the drift mismatch of the discrete
resistors.
Note that for the homebrew circuit, the LT1013 specification for
noise has been multiplied by √2. This is because a two op amp
type instrumentation amplifier has two op amps at its inputs,
both contributing to the overall noise.
Table 4. Make vs. Buy Error Budget
Total Error in ppm
Relative to 1 V FS
Error Source
AD622 Circuit Calculation
Homebrew Circuit Calculation
AD622
Homebrew
ABSOLUTE ACCURACY at TA = 25°C
Total RTI Offset Voltage, μV
250 μV + 1500 μV/10
800 μV × 2
400
1600
Input Offset Current, nA
2.5 nA × 1 kΩ
15 nA × 1 kΩ
2.5
15
CMR, dB
86 dB
→50 ppm × 0.5 V
(0.1% Match × 0.5 V)/10 V
25
50
Total Absolute Error
427.5
1665
DRIFT TO 85°C
Gain Drift, ppm/°C
(50 ppm + 5 ppm) × 60°C
(50 ppm)/°C × 60°C
3300
3000
Total RTI Offset Voltage, μV/°C
(2 μV/°C + 15 μV/°C /10) × 60°C
9 μV/°C × 2 × 60°C
210
1080
Input Offset Current, pA/°C
2 pA/°C × 1 kΩ × 60°C
155 pA/°C × 1 kΩ × 60°C
0.12
9.3
Total Drift Error
3510.12
4089.3
RESOLUTION
Gain Nonlinearity, ppm of Full Scale
10 ppm
20 ppm
10
20
Typ 0.1 Hz to 10 Hz Voltage Noise, μV p-p
0.6 μV p-p
0.55 μV p-p × √2
0.6
0.778
Total Resolution Error
10.6
20.778
Grand Total Error
3948
5775



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com