Electronic Components Datasheet Search
  English  ▼

X  

AD622 Datasheet(PDF) 3 Page - Analog Devices

Part # AD622
Description  Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622 Datasheet(HTML) 3 Page - Analog Devices

  AD622 Datasheet HTML 1Page - Analog Devices AD622 Datasheet HTML 2Page - Analog Devices AD622 Datasheet HTML 3Page - Analog Devices AD622 Datasheet HTML 4Page - Analog Devices AD622 Datasheet HTML 5Page - Analog Devices AD622 Datasheet HTML 6Page - Analog Devices AD622 Datasheet HTML 7Page - Analog Devices AD622 Datasheet HTML 8Page - Analog Devices AD622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD622
Rev. D | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = ±15 V, and RL = 2 kΩ typical, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
GAIN
G = 1 + (50.5 k/RG)
Gain Range
1
1000
Gain Error1
VOUT = ±10 V
G = 1
0.05
0.15
%
G = 10
0.2
0.50
%
G = 100
0.2
0.50
%
G = 1000
0.2
0.50
%
Nonlinearity
VOUT = ±10 V
G = 1 to 1000
RL = 10 kΩ
10
ppm
G = 1 to 100
RL = 2 kΩ
10
ppm
Gain vs. Temperature
Gain = 1
10
ppm/°C
Gain > 11
−50
ppm/°C
VOLTAGE OFFSET
Total RTI Error = VOSI + VOSO/G
Input Offset, VOSI
VS = ±5 V to ±15 V
60
125
μV
Average Temperature Coefficient
VS = ±5 V to ±15 V
1.0
μV/°C
Output Offset, VOSO
VS = ±5 V to ±15 V
600
1500
μV
Average Temperature Coefficient
VS = ±5 V to ±15 V
15
μV/°C
Offset Referred to Input vs. Supply (PSR)
VS = ±5 V to ±15 V
G = 1
80
100
dB
G = 10
95
120
dB
G = 100
110
140
dB
G = 1000
110
140
dB
INPUT CURRENT
Input Bias Current
2.0
5.0
nA
Average Temperature Coefficient
3.0
pA/°C
Input Offset Current
0.7
2.5
nA
Average Temperature Coefficient
2.0
pA/°C
INPUT
Input Impedance
Differential
10||2
G Ω||pF
Common Mode
10||2
GΩ||pF
Input Voltage Range2
VS = ±2.6 V to ±5 V
−VS + 1.9
+VS – 1.2
V
Over Temperature
−VS + 2.1
+VS – 1.3
V
VS = ±5 V to ±18 V
−VS + 1.9
+VS – 1.4
V
Over Temperature
−VS + 2.1
+VS – 1.4
V
Common-Mode Rejection Ratio
DC to 60 Hz with 1 kΩ Source Imbalance
VCM = 0 V to ±10 V
G = 1
66
78
dB
G = 10
86
98
dB
G = 100
103
118
dB
G = 1000
103
118
dB
OUTPUT
Output Swing
RL = 10 kΩ
VS = ±2.6 V to ±5 V
−VS + 1.1
+VS – 1.2
V
Over Temperature
−VS + 1.4
+VS – 1.3
V
VS = ±5 V to ±18 V
−VS + 1.2
+VS – 1.4
V
Over Temperature
−VS + 1.6
+VS – 1.5
V
Short Current Circuit
±18
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com