Electronic Components Datasheet Search
  English  ▼

X  

AD622 Datasheet(PDF) 12 Page - Analog Devices

Part # AD622
Description  Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD622 Datasheet HTML 8Page - Analog Devices AD622 Datasheet HTML 9Page - Analog Devices AD622 Datasheet HTML 10Page - Analog Devices AD622 Datasheet HTML 11Page - Analog Devices AD622 Datasheet HTML 12Page - Analog Devices AD622 Datasheet HTML 13Page - Analog Devices AD622 Datasheet HTML 14Page - Analog Devices AD622 Datasheet HTML 15Page - Analog Devices AD622 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD622
Rev. D | Page 12 of 16
Figure 18 shows an example where the differential filter
frequency is approximately 400 Hz, and the common-mode
filter frequency is approximately 40 kHz. With this differential
filter in place and operating at gain of 1000, the typical dc offset
shift over a frequency range of 1 Hz to 20 MHz is less than 1.5 μV
RTI, and the RF signal rejection of the circuit is better than
71 dB. At a gain of 100, the dc offset shift is well below 1 mV
RTI, and RF rejection is greater than 70 dB.
The input resistors should be selected to be high enough to
isolate the sensor from the CC and C D capacitors but low
enough not to influence system noise. Mismatch between
R × CC at the positive input and R × CC at the negative input
degrades the CMRR of the AD622. Therefore, the CC capacitors
should be high precision types such as NPO/COG ceramics.
The tolerance of the CD capacitor is less critical.
GROUND RETURNS FOR INPUT BIAS CURRENTS
Input bias currents are those currents necessary to bias the
input transistors of an amplifier. There must be a direct return
path for these currents; therefore, when amplifying floating
input sources such as transformers or ac-coupled sources, there
must be a dc path from each input to ground as shown in
Figure 19, Figure 20, and Figure 21. Refer to the Designer’s
Guide to Instrumentation Amplifiers (free from Analog Devices,
Inc.) for more information regarding in-amp applications.
AD622
2
1
8
3
4
5
6
7
+VS
–VS
RG
VOUT
LOAD
–IN
+IN
REF
TO POWER
SUPPLY
GROUND
Figure 19. Ground Returns for Bias Currents with Transformer Coupled Inputs
AD622
2
1
8
3
4
5
6
7
+VS
–VS
RG
VOUT
LOAD
–IN
+IN
REF
TO POWER
SUPPLY
GROUND
Figure 20. Ground Returns for Bias Currents with Thermocouple Inputs
AD622
2
1
8
3
4
5
6
7
+VS
–VS
RG
VOUT
LOAD
–IN
+IN
REF
TO POWER
SUPPLY
GROUND
100kΩ
100kΩ
Figure 21. Ground Returns for Bias Currents with AC-Coupled Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com