Electronic Components Datasheet Search
  English  ▼

X  

LB1978 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1978
Description  Three-Phase Half-Wave Sensorless Motor Driver for Headphone Stereos
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1978 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1978 Datasheet HTML 1Page - Sanyo Semicon Device LB1978 Datasheet HTML 2Page - Sanyo Semicon Device LB1978 Datasheet HTML 3Page - Sanyo Semicon Device LB1978 Datasheet HTML 4Page - Sanyo Semicon Device LB1978 Datasheet HTML 5Page - Sanyo Semicon Device LB1978 Datasheet HTML 6Page - Sanyo Semicon Device LB1978 Datasheet HTML 7Page - Sanyo Semicon Device LB1978 Datasheet HTML 8Page - Sanyo Semicon Device LB1978 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LB1978V
No. 6186-1/9
LB1978V
Package Dimensions
unit: mm
3191-SSOP30
Functions and Features
• Three-phase sensorless motor driver
• Built-in speed control
• Built-in reference voltage and forward/reverse
switching pin
• Soft switching
• Built-in short brake drive pin
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
63099RM(KI)
Ordering number : EN6186
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Monolithic Digital IC
Three-Phase Half-Wave Sensorless Motor Driver
for Headphone Stereos
[LB1978V]
SANYO : SSOP30
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
Vcc max
2.0
V
Output transistor withstand voltage
Vsus
4V
Maximum output current
Io max
0.6
A
Allowable power dissipation
Pd max
Tj = 125˚C
0.4
W
Operating temperature
Topr
0 to 60
˚C
Storage temperature
Tstg
–40 to +125
˚C
Allowable Operating Ranges at Ta = 25˚C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
Vcc
1.0 to 1.7
V
115
16
0.65
9.95
30
0.22
0.43
0.15


Similar Part No. - LB1978

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1971V SANYO-LB1971V Datasheet
82Kb / 9P
Three-Phase Full-Wave Sensorless CD and MD Players Spindle Motor Driver
LB1973JA SANYO-LB1973JA Datasheet
218Kb / 5P
Monolithic Digital IC Two-channel H-Bridge Driver
logo
ON Semiconductor
LB1973JA ONSEMI-LB1973JA Datasheet
173Kb / 5P
Two-channel H-Bridge Driver
June, 2013
LB1973JA-AH ONSEMI-LB1973JA-AH Datasheet
173Kb / 5P
Two-channel H-Bridge Driver
June, 2013
logo
Sanyo Semicon Device
LB1973M SANYO-LB1973M Datasheet
367Kb / 5P
Two-channel H-Bridge Driver
More results

Similar Description - LB1978

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
Three-Phase Sensorless Motor Driver with Loading Motor Driver
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
Three-Phase Sensorless Motor Driver
LB1885M SANYO-LB1885M Datasheet
145Kb / 5P
Three-Phase Bipolar Brushless/Sensorless Motor Driver
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
Three-Phase Brushless Sensorless Motor Driver
LB1989 SANYO-LB1989 Datasheet
117Kb / 9P
Three-Phase Sensorless VCR Drum Motor Driver
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
Three-Phase Sensorless Motor Driver Loading Motor Driver
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
Three-Phase Sensorless Motor Driver
May, 2013
logo
Diodes Incorporated
AM9800 DIODES-AM9800 Datasheet
563Kb / 11P
Three Phase Direct PWM Sensorless Motor Driver
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com