Electronic Components Datasheet Search
  English  ▼

X  

LB1978 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1978
Description  Three-Phase Half-Wave Sensorless Motor Driver for Headphone Stereos
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1978 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LB1978 Datasheet HTML 1Page - Sanyo Semicon Device LB1978 Datasheet HTML 2Page - Sanyo Semicon Device LB1978 Datasheet HTML 3Page - Sanyo Semicon Device LB1978 Datasheet HTML 4Page - Sanyo Semicon Device LB1978 Datasheet HTML 5Page - Sanyo Semicon Device LB1978 Datasheet HTML 6Page - Sanyo Semicon Device LB1978 Datasheet HTML 7Page - Sanyo Semicon Device LB1978 Datasheet HTML 8Page - Sanyo Semicon Device LB1978 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LB1978V
No. 6186-6/9
Pin number
6
7
8
9
10
Continued from preceding page
Pin name
PW
PV
IV
VI
BRI
Equivalent circuit
Pin function
CI pin waveform and reference voltage
comparator output pin.
Current buffer input/output pin.
Current-to-voltage converter comparator
input pin.
Voltage-to-current converter input pin.
Speed increases when VI pin voltage is
higher than reference voltage and
decreases when VI pin voltage is lower
than reference voltage.
Brake bias pin.
When S/S pin is Low and BR1 pin is 0.9V
or higher, brake drive pin BR2 goes ON.
Continued on next page
Vcc
PGND
6
1k
Ω
Vcc
SGND
7
1k
Ω
Vcc
SGND
8
Vcc
SGND
9
1k
Ω
Vcc
SGND
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com