Electronic Components Datasheet Search
  English  ▼

X  

LB1978 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1978
Description  Three-Phase Half-Wave Sensorless Motor Driver for Headphone Stereos
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1978 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1978 Datasheet HTML 1Page - Sanyo Semicon Device LB1978 Datasheet HTML 2Page - Sanyo Semicon Device LB1978 Datasheet HTML 3Page - Sanyo Semicon Device LB1978 Datasheet HTML 4Page - Sanyo Semicon Device LB1978 Datasheet HTML 5Page - Sanyo Semicon Device LB1978 Datasheet HTML 6Page - Sanyo Semicon Device LB1978 Datasheet HTML 7Page - Sanyo Semicon Device LB1978 Datasheet HTML 8Page - Sanyo Semicon Device LB1978 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LB1978V
No. 6186-4/9
Equivalent Circuit Block Diagram
Sample Application Circuit
Oscillator
Divider
Rotation
detector
Brake
circuit
Constant
current circuit
Startup
detection
Current bias
Reference
voltage
Speed
select
divider
d/dt
Pulse
Current
buffer
VI
PGND
DU
FC
W2
V2
U2
W1
V1
U1
BR2
BR1
P3
P2
P1
TC2
TC1
DR
IRF
COM
S/S
Vref
SGND
F/S
CI
PW
PV IV
VI
Startup
switching
Soft switching
Vcc
OSC
Comparator
30
28
29
27
25
26
24
22
23
21
19
20
18
16
17
1
3
2
4
6
5
7
9
8
10
12
11
13
15
14
Vcc VREF S/S
DR
F/S
W1
V1
U1
PGND W2
V2
U2
DU SGND P3
OSC COM IRF
FC
CI
PW
PV
IV
VI
BR1 BR2 TC1 TC2
P1
P2
0.33
µF
0.1
µF
680k
Ω
180
k
Ω
6.2k
Ω
0.1
µF
0.033
µF
20k
Ω
68k
Ω
180
k
Ω
2.2
µF
1500pF
0.01
µF
1k
Ω
0.01
µF
0.01
µF
0.01
µF
1
µF
100
Ω
LB1978V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com