Electronic Components Datasheet Search
  English  ▼

X  

AD8221ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8221ARMZ
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8221ARMZ Datasheet HTML 3Page - Analog Devices AD8221ARMZ Datasheet HTML 4Page - Analog Devices AD8221ARMZ Datasheet HTML 5Page - Analog Devices AD8221ARMZ Datasheet HTML 6Page - Analog Devices AD8221ARMZ Datasheet HTML 7Page - Analog Devices AD8221ARMZ Datasheet HTML 8Page - Analog Devices AD8221ARMZ Datasheet HTML 9Page - Analog Devices AD8221ARMZ Datasheet HTML 10Page - Analog Devices AD8221ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8221
Rev. B | Page 7 of 24
ARM Grade
Parameter
Conditions
Min
Typ
Max
Unit
TEMPERATURE RANGE
Specified Performance
−40
+85
°C
Operating Range4
−40
+125
°C
1 Total RTI VOS = (VOSI) + (VOSO/G).
2 Does not include the effects of external resistor RG.
3 One input grounded. G = 1.
4 See Typical Performance Characteristics for expected operation between 85°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com