Electronic Components Datasheet Search
  English  ▼

X  

AD8221ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD8221ARMZ
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8221ARMZ Datasheet HTML 14Page - Analog Devices AD8221ARMZ Datasheet HTML 15Page - Analog Devices AD8221ARMZ Datasheet HTML 16Page - Analog Devices AD8221ARMZ Datasheet HTML 17Page - Analog Devices AD8221ARMZ Datasheet HTML 18Page - Analog Devices AD8221ARMZ Datasheet HTML 19Page - Analog Devices AD8221ARMZ Datasheet HTML 20Page - Analog Devices AD8221ARMZ Datasheet HTML 21Page - Analog Devices AD8221ARMZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8221
Rev. B | Page 18 of 24
REFERENCE TERMINAL
As shown in Figure 42, the reference terminal, REF, is at one
end of a 10 kΩ resistor. The output of the instrumentation
amplifier is referenced to the voltage on the REF terminal; this
is useful when the output signal needs to be offset to a precise
midsupply level. For example, a voltage source can be tied to the
REF pin to level-shift the output so that the AD8221 can interface
with an ADC. The allowable reference voltage range is a function
of the gain, input, and supply voltage. The REF pin should not
exceed either +VS or –VS by more than 0.5 V.
For best performance, source impedance to the REF terminal
should be kept low, because parasitic resistance can adversely
affect CMRR and gain accuracy.
POWER SUPPLY REGULATION AND BYPASSING
A stable dc voltage should be used to power the instrumentation
amplifier. Noise on the supply pins can adversely affect
performance. Bypass capacitors should be used to decouple
the amplifier.
A 0.1 μF capacitor should be placed close to each supply pin.
As shown in Figure 46, a 10 μF tantalum capacitor can be used
further away from the part. In most cases, it can be shared by
other precision integrated circuits.
AD8221
+VS
+IN
–IN
LOAD
REF
0.1µF
10µF
0.1µF
10µF
–VS
VOUT
Figure 46. Supply Decoupling, REF, and Output Referred to Local Ground
INPUT BIAS CURRENT RETURN PATH
The input bias current of the AD8221 must have a return path
to common. When the source, such as a thermocouple, cannot
provide a return current path, one should be created, as shown
in Figure 47.
+VS
REF
TRANSFORMER
THERMOCOUPLE
–VS
AD8221
+VS
REF
–VS
AD8221
CAPACITOR COUPLED
+VS
REF
C
R
R
C
–VS
AD8221
1
fHIGH-PASS = 2πRC
Figure 47. Creating an IBIAS Path
INPUT PROTECTION
All terminals of the AD8221 are protected against ESD, 1 kV
Human Body Model. In addition, the input structure allows for
dc overload conditions below the negative supply, −VS. The
internal 400 Ω resistors limit current in the event of a negative
fault condition. However, in the case of a dc overload voltage
above the positive supply, +VS, a large current flows directly
through the ESD diode to the positive rail. Therefore, an external
resistor should be used in series with the input to limit current
for voltages above +Vs. In either scenario, the AD8221 can
safely handle a continuous 6 mA current, I = VIN/REXT for
positive overvoltage and I = VIN/(400 Ω + REXT) for negative
overvoltage.
For applications where the AD8221 encounters extreme
overload voltages, as in cardiac defibrillators, external series
resistors, and low leakage diode clamps, such as BAV199Ls,
FJH1100s, or SP720s should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com