Electronic Components Datasheet Search
  English  ▼

X  

AD8221ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8221ARMZ
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8221ARMZ Datasheet HTML 1Page - Analog Devices AD8221ARMZ Datasheet HTML 2Page - Analog Devices AD8221ARMZ Datasheet HTML 3Page - Analog Devices AD8221ARMZ Datasheet HTML 4Page - Analog Devices AD8221ARMZ Datasheet HTML 5Page - Analog Devices AD8221ARMZ Datasheet HTML 6Page - Analog Devices AD8221ARMZ Datasheet HTML 7Page - Analog Devices AD8221ARMZ Datasheet HTML 8Page - Analog Devices AD8221ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Precision Instrumentation Amplifier
AD8221
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Easy to use
Available in space-saving MSOP
Gain set with 1 external resistor (gain range 1 to 1000)
Wide power supply range: ±2.3 V to ±18 V
Temperature range for specified performance:
−40°C to +85°C
Operational up to 125°C1
Excellent AC specifications
80 dB minimum CMRR to 10 kHz ( G = 1)
825 kHz, –3 dB bandwidth (G = 1)
2 V/μs slew rate
Low noise
8 nV/√Hz, @ 1 kHz, maximum input voltage noise
0.25 μV p-p input noise (0.1 Hz to 10 Hz)
High accuracy dc performance (AD8221BR)
90 dB minimum CMRR (G = 1)
25 μV maximum input offset voltage
0.3 μV/°C maximum input offset drift
0.4 nA maximum input bias current
APPLICATIONS
Weigh scales
Industrial process controls
Bridge amplifiers
Precision data acquisition systems
Medical instrumentation
Strain gages
Transducer interfaces
GENERAL DESCRIPTION
The AD8221 is a gain programmable, high performance
instrumentation amplifier that delivers the industry’s highest
CMRR over frequency in its class. The CMRR of instrumentation
amplifiers on the market today falls off at 200 Hz. In contrast,
the AD8221 maintains a minimum CMRR of 80 dB to 10 kHz
for all grades at G = 1. High CMRR over frequency allows the
AD8221 to reject wideband interference and line harmonics,
greatly simplifying filter requirements. Possible applications
include precision data acquisition, biomedical analysis, and
aerospace instrumentation.
CONNECTION DIAGRAM
8
7
6
5
1
2
3
4
–IN
RG
RG
+VS
VOUT
REF
–VS
+IN
TOP VIEW
AD8221
Figure 1.
40
50
60
70
80
90
100
110
120
FREQUENCY (Hz)
100
10
1k
10k
100k
AD8221
COMPETITOR 1
COMPETITOR 2
Figure 2. Typical CMRR vs. Frequency for G = 1
Low voltage offset, low offset drift, low gain drift, high gain
accuracy, and high CMRR make this part an excellent choice
in applications that demand the best dc performance possible,
such as bridge signal conditioning.
Programmable gain affords the user design flexibility. A single
resistor sets the gain from 1 to 1000. The AD8221 operates on
both single and dual supplies and is well suited for applications
where ±10 V input voltages are encountered.
The AD8221 is available in a low cost 8-lead SOIC and 8-lead
MSOP, both of which offer the industry’s best performance. The
MSOP requires half the board space of the SOIC, making it ideal
for multichannel or space-constrained applications.
Performance is specified over the entire industrial temperature
range of −40°C to +85°C for all grades. Furthermore, the AD8221
is operational from −40°C to +125°C1.
1 See Typical Performance Characteristics for expected operation from
85°C to 125°C.


Similar Part No. - AD8221ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8221ARMZ AD-AD8221ARMZ Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
AD8221ARMZ AD-AD8221ARMZ Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
AD8221ARMZ-R7 AD-AD8221ARMZ-R7 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
AD8221ARMZ-R7 AD-AD8221ARMZ-R7 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
AD8221ARMZ-RL AD-AD8221ARMZ-RL Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
More results

Similar Description - AD8221ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com