Electronic Components Datasheet Search
  English  ▼

X  

AD623 Datasheet(PDF) 4 Page - Analog Devices

Part # AD623
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623 Datasheet(HTML) 4 Page - Analog Devices

  AD623 Datasheet HTML 1Page - Analog Devices AD623 Datasheet HTML 2Page - Analog Devices AD623 Datasheet HTML 3Page - Analog Devices AD623 Datasheet HTML 4Page - Analog Devices AD623 Datasheet HTML 5Page - Analog Devices AD623 Datasheet HTML 6Page - Analog Devices AD623 Datasheet HTML 7Page - Analog Devices AD623 Datasheet HTML 8Page - Analog Devices AD623 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD623
Rev. D | Page 4 of 24
AD623A
AD623ARM
AD623B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT
Input Impedance
Differential
2||2
2||2
2||2
GΩ||pF
Common-Mode
2||2
2||2
2||2
GΩ||pF
Input Voltage Range2
VS = 3 V to 12 V
(−VS) −
0.15
(+VS) −
1.5
(−VS) −
0.15
(+VS) −
1.5
(−VS) −
0.15
(+VS) −
1.5
V
Common-Mode Rejection
at 60 Hz with 1 kΩ Source
Imbalance
G = 1
VCM = 0 V to 3 V
70
80
70
80
77
86
dB
G = 10
VCM = 0 V to 3 V
90
100
90
100
94
100
dB
G = 100
VCM = 0 V to 3 V
105
110
105
110
105
110
dB
G = 1000
VCM = 0 V to 3 V
105
110
105
110
105
110
dB
OUTPUT
Output Swing
RL = 10 kΩ
0.01
(+VS) −
0.5
0.01
(+VS) −
0.5
0.01
(+VS) −
0.5
V
RL = 100 kΩ
0.01
(+VS) −
0.15
0.01
(+VS) −
0.15
0.01
(+VS) −
0.15
V
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
800
800
800
kHz
G = 10
100
100
100
kHz
G = 100
10
10
10
kHz
G = 1000
2
2
2
kHz
Slew Rate
0.3
0.3
0.3
V/μs
Settling Time to 0.01%
VS = 5 V
G = 1
Step size: 3.5 V
30
30
30
μs
G = 10
Step size: 4 V,
VCM = 1.8 V
20
20
20
μs
1 Does not include effects of external resistor, RG.
2 One input grounded. G = 1.
DUAL SUPPLIES
Typical @ 25°C dual supply, VS = ±5 V, and RL = 10 kΩ, unless otherwise noted.
Table 2.
AD623A
AD623ARM
AD623B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
G =
1 + (100 k/RG)
Gain Range
1
1000
1
1000
1
1000
Gain Error1
G1 VOUT =
−4.8 V to +3.5 V
G > 1 VOUT =
0.05 V to 4.5 V
G = 1
0.03
0.10
0.03
0.10
0.03
0.05
%
G = 10
0.10
0.35
0.10
0.35
0.10
0.35
%
G = 100
0.10
0.35
0.10
0.35
0.10
0.35
%
G = 1000
0.10
0.35
0.10
0.35
0.10
0.35
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com