Electronic Components Datasheet Search
  English  ▼

X  

AD623 Datasheet(PDF) 8 Page - Analog Devices

Part # AD623
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD623 Datasheet HTML 4Page - Analog Devices AD623 Datasheet HTML 5Page - Analog Devices AD623 Datasheet HTML 6Page - Analog Devices AD623 Datasheet HTML 7Page - Analog Devices AD623 Datasheet HTML 8Page - Analog Devices AD623 Datasheet HTML 9Page - Analog Devices AD623 Datasheet HTML 10Page - Analog Devices AD623 Datasheet HTML 11Page - Analog Devices AD623 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD623
Rev. D | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
At 25°C, VS = ±5 V, and RL = 10 kΩ, unless otherwise noted.
–100 –80 –60 –40 –20
0
20
40
60
80 100 120 140
INPUT OFFSET VOLTAGE (µV)
280
0
240
200
160
80
40
120
260
220
180
140
60
20
100
300
Figure 3. Typical Distribution of Input Offset Voltage; Package Option N-8, R-8
–800 –600 –400 –200
0
200
400
600
800
OUTPUT OFFSET VOLTAGE (µV)
0
480
420
360
300
240
180
120
60
Figure 4. Typical Distribution of Output Offset Voltage; Package Option N-8, R-8
–80
–60
–40
–20
0
20
40
60
80
100
INPUT OFFSET VOLTAGE (µV)
0
22
20
18
16
14
12
10
8
6
4
2
Figure 5. Typical Distribution of Input Offset Voltage, VS = 5 V,
Single Supply, VREF = −0.125 V; Package Option N-8, R-8
–600 –500 –400 –300 –200 –100
0
100 200 300 400 500
OUTPUT OFFSET VOLTAGE (µV)
0
22
20
18
16
14
12
10
8
6
4
2
Figure 6. Typical Distribution of Output Offset Voltage, VS = 5 V,
Single Supply, VREF = −0.125 V; Package Option N-8, R-8
–0.245 –0.240 –0.235 –0.230 –0.225 –0.220 –0.215 –0.210
INPUT OFFSET CURRENT (nA)
0
210
180
150
120
90
60
30
Figure 7. Typical Distribution for Input Offset Current; Package Option N-8, R-8
–0.025 –0.020 –0.015 –0.010 –0.005
0
0.005
0.010
INPUT OFFSET CURRENT (nA)
0
20
18
16
14
12
10
8
6
4
2
Figure 8. Typical Distribution for Input Offset Current, VS = 5 V,
Single Supply, VREF = −0.125 V; Package Option N-8, R-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com