Electronic Components Datasheet Search
  English  ▼

X  

AD623 Datasheet(PDF) 5 Page - Analog Devices

Part # AD623
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623 Datasheet(HTML) 5 Page - Analog Devices

  AD623 Datasheet HTML 1Page - Analog Devices AD623 Datasheet HTML 2Page - Analog Devices AD623 Datasheet HTML 3Page - Analog Devices AD623 Datasheet HTML 4Page - Analog Devices AD623 Datasheet HTML 5Page - Analog Devices AD623 Datasheet HTML 6Page - Analog Devices AD623 Datasheet HTML 7Page - Analog Devices AD623 Datasheet HTML 8Page - Analog Devices AD623 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD623
Rev. D | Page 5 of 24
AD623A
AD623ARM
AD623B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Nonlinearity
G1 VOUT =
−4.8 V to +3.5 V
G > 1 VOUT =
−4.8 V to +4.5 V
G = 1 to 1000
50
50
50
ppm
Gain vs. Temperature
G = 1
5
10
5
10
5
10
ppm/°C
G > 11
50
50
50
ppm/°C
VOLTAGE OFFSET
Total RTI error =
VOSI + VOSO/G
Input Offset, VOSI
25
200
200
500
25
100
μV
Over Temperature
350
650
160
μV
Average Tempco
0.1
2
0.1
2
0.1
1
μV/°C
Output Offset, VOSO
200
1000
500
2000
200
500
μV
Over Temperature
1500
2600
1100
μV
Average Tempco
2.5
10
2.5
10
2.5
10
μV/°C
Offset Referred to the Input
vs. Supply (PSR)
G = 1
80
100
80
100
80
100
dB
G = 10
100
120
100
120
100
120
dB
G = 100
120
140
120
140
120
140
dB
G = 1000
120
140
120
140
120
140
dB
INPUT CURRENT
Input Bias Current
17
25
17
25
17
25
nA
Over Temperature
27.5
27.5
27.5
nA
Average Tempco
25
25
25
pA/°C
Input Offset Current
0.25
2
0.25
2
0.25
2
nA
Over Temperature
2.5
2.5
2.5
nA
Average Tempco
5
5
5
pA/°C
INPUT
Input Impedance
Differential
2||2
2||2
2||2
GΩ||pF
Common-Mode
2||2
2||2
2||2
GΩ||pF
Input Voltage Range2
VS = +2.5 V to
±6 V
(−VS) –
0.15
(+VS) –
1.5
(−VS) –
0.15
(+VS) –
1.5
(−VS) –
0.15
(+VS) –
1.5
V
Common-Mode Rejection at
60 Hz with 1 kΩ Source
Imbalance
G = 1
VCM = +3.5 V to
−5.15 V
70
80
70
80
77
86
dB
G = 10
VCM = +3.5 V to
−5.15 V
90
100
90
100
94
100
dB
G = 100
VCM = +3.5 V to
−5.15 V
105
110
105
110
105
110
dB
G = 1000
VCM = +3.5 V to
−5.15 V
105
110
105
110
105
110
dB
OUTPUT
Output Swing
RL = 10 kΩ,
VS = ±5 V
(−VS) +
0.2
(+VS) −
0.5
(−VS) +
0.2
(+VS) −
0.5
(−VS) +
0.2
(+VS) −
0.5
V
RL = 100 kΩ
(−VS) +
0.05
(+VS) −
0.15
(−VS) +
0.05
(+VS) −
0.15
(−VS) +
0.05
(+VS) −
0.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com