Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # LM4041
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4041 Datasheet(HTML) 5 Page - Diodes Incorporated

  LM4041 Datasheet HTML 1Page - Diodes Incorporated LM4041 Datasheet HTML 2Page - Diodes Incorporated LM4041 Datasheet HTML 3Page - Diodes Incorporated LM4041 Datasheet HTML 4Page - Diodes Incorporated LM4041 Datasheet HTML 5Page - Diodes Incorporated LM4041 Datasheet HTML 6Page - Diodes Incorporated LM4041 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041
Document number: DS32020 Rev. 7 - 2
5 of 7
www.diodes.com
December 2010
© Diodes Incorporated
Application Information
In a conventional shunt regulator application (Figure 1), an
external series resistor (RS) is connected between the
supply voltage, VS, and the LM4041.
RS determines the current that flows through the load (IL)
and the LM4041 (IR). Since load current and supply
voltage may vary, RS should be small enough to supply at
least the minimum acceptable IR to the LM4040 even
when the supply voltage is at its minimum and the load
current is at its maximum value. When the supply voltage
is at its maximum and IL is at its minimum, RS should be
large enough so that the current flowing through the
LM4040 is less than 12 mA.
RS is determined by the supply voltage, (VS), the load and
operating current, (IL and IQ), and the LM4040’s reverse
breakdown voltage, VR.
R
L
R
S
S
I
I
V
V
R
+
−
=
The LM4041 comes in two varients:
•
LM4041 with fixed 1.225V output
•
LM4041_ADJ with variable output voltage.
The LM4041-ADJ’s output voltage can be adjusted to any
value in the range of 1.24V through 10V. The output
voltage is set by the ratio of two external feedback
resistors as shown in Figure 2 and the internal reference
voltage (VR).
The output voltage is found using the equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
1
2
R
O
R
R
1
V
V
Printed circuit board layout considerations
LM4041 with fixed output voltage in the SOT23 package
has the die attached to pin 1, which results in an electrical
contact between pin 2 and pin 1. Therefore, pin 1 of the
SOT23 package must be left floating or connected to
pin 2.
LM4041 with fixed output voltage in the SC70-5 package
have the die attached to pin 2, which results in an
electrical contact between pin 2 and pin 1. Therefore, pin
2 must be left floating or connected to pin1.
RS
VS
IR +
IL
IR
IL
VR
Figure 1
RS
VS
IR + IL
IR
IL
VR
VO
Figure 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com